Electronic Components Datasheet Search
  English  ▼

X  

VUC25 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VUC25
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUC25 Datasheet(HTML) 2 Page - IXYS Corporation

  VUC25 Datasheet HTML 1Page - IXYS Corporation VUC25 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
Symbol
Test Conditions
Characteristic Values
Diode
Thyristor
I
R, ID
V
R = VRRM; VD = VDRM
T
VJ = TVJM
£
5
£
5mA
T
VJ = 25°C
£ 0.3
£
0.3
mA
V
F, VT
I
F = 55 A; IT = 45 A, TVJ = 25°C
£ 2.2
£
1.5
V
V
T0
For power-loss calculations only
1.2
1.1
V
r
T
(T
VJ = 125°C)
18
11 m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.5
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
80
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
5mA
I
L
T
VJ = 25°C; tG = 30 ms
£
300
mA
I
G = 0.3 A; diG/dt = 0.3 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥£
100
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2.5
ms
I
G = 0.3 A; diG/dt = 0.3 A/ms
t
q
T
VJ = 125°C; IT = 15 A, tp = 300 ms, -di/dt = 10 A/ms
typ. 130
ms
V
R = 100 V, dv/dt = 20 V/ms, VD = 2/3 VDRM
t
rr
T
VJ = 25°C; IF = 10 A;
£ 1.5
-
ms
-di/dt = 10 A/
ms, V
R = 1/2 VRRM
R
thJC
per thyristor (diode); DC current
2.3
0.9 K/W
per module
0.38
- K/W
R
thJH
per thyristor (diode); DC current
2.9
1.1 K/W
per module
0.48
- K/W
d
S
Creeping distance on surface
7 mm
d
A
Creepage distance in air
7 mm
a
Max. allowable acceleration
50 m/s2
VUC 25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com