Electronic Components Datasheet Search
  English  ▼

X  

VUC25 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VUC25
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUC25 Datasheet(HTML) 1 Page - IXYS Corporation

  VUC25 Datasheet HTML 1Page - IXYS Corporation VUC25 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
I
dAVM
= 28 A
I
TAVM
= 26 A
V
RRM = 1200-1600 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1300
1200
VUC 25-12go2
1500
1400
VUC 25-14go2
1700
1600
VUC 25-16go2
Symbol
Test Conditions
Maximum Ratings
Diode
Thyristor
I
dAV
T
K = 85°C; module
25
-
A
I
dAVM
module
28
-
A
I
TAVM
T
K = 85°C; (DC)
-
26
A
I
FSM, ITSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
300
330
A
V
R = 0
t = 8.3 ms (60 Hz), sine
330
370
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
270
300
A
V
R = 0
t = 8.3 ms (60 Hz), sine
300
330
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz), sine
450
545
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
460
575
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
365
450
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
380
460
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 50 A
150
A/
ms
f =400 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.3 A,
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 0.3 A/ms
(dv/dt)
cr
T
VJ = TVJM;
V
DR = 2/3 VDRM
200
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
V
RGM
10
V
P
GM
T
VJ = TVJM
t
p = 30 ms
£
10
W
I
T = ITAVM
t
p = 10 ms
£
1W
P
GAVM
0.5
W
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
3000
V~
I
ISOL £ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 UNF)
18-22
lb.in.
Weight
typ.
28
g
Features
q
Package with DCB ceramic base plate
q
Isolation voltage 3600 V~
q
Planar passivated chips
q
Fast recovery diodes to reduce EMI
q
Separate thyristor for softstart
q
Solderable terminals
q
UL registered E 72873
Applications
q
Input rectifier for switching power
supplies (SMPS)
q
Softstart capacitor charging
q
Electric drives and auxiliaries
Advantages
q
Easy to mount with two screws
q
Space and weight savings
q
Improved temperature and power
cycling
q
Up to 10 dB lower EMI/RFI
compared to standard rectifier
Data according to IEC 60747 and refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions.
Dimensions in mm (1 mm = 0.0394")
VUC 25
Three Phase
Rectifier Bridge
with Fast Diodes and "Softstart" Thyristor
2
1
3
4
5
6
7
8
3
4
8
2
5
1
6
7


Similar Part No. - VUC25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUC25 IXYS-VUC25 Datasheet
43Kb / 2P
Three Phase Rectifier Bridge
More results

Similar Description - VUC25

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com