Electronic Components Datasheet Search
  English  ▼

X  

CL621 Datasheet(PDF) 3 Page - Lumins Inc.

Part # CL621
Description  Optical system assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

CL621 Datasheet(HTML) 3 Page - Lumins Inc.

  CL621 Datasheet HTML 1Page - Lumins Inc. CL621 Datasheet HTML 2Page - Lumins Inc. CL621 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Luminaires may be altered for design improvements or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS.COM
LUMINIS
MOUNTING INFORMATION
CL621 SERIES
LumiSTIK - LED
3
9”(229)
10”(254)
Boltcircle
PLAN VIEW
Orientation
parallelto
curbor
walkway
10.3”
(262)
Handhole
position
Base
coverline
12.5”(318)
Dia.
18”
(457)
4.87”
(124)
2.8”(71)
Anchorbolt
projection
abovefinished
grade.
The cast aluminum base plate is secured with a set of (4) 3/4”-10 x 18”LG galvanized
anchor bolts.
MOUNTING ACCESSORIES
BNF: Fixed 24” banner support
2BNF: Two fixed 24” banner supports
BNF180: Two fixed 24” banner supports
at 180º
2BNF180: Four fixed 24” banner
supports at 180º



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com