Electronic Components Datasheet Search
  English  ▼

X  

CL621 Datasheet(PDF) 2 Page - Lumins Inc.

Part # CL621
Description  Optical system assembly
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

CL621 Datasheet(HTML) 2 Page - Lumins Inc.

  CL621 Datasheet HTML 1Page - Lumins Inc. CL621 Datasheet HTML 2Page - Lumins Inc. CL621 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
2
CL621 SERIES
LumiSTIK - LED
Please visit our web site www.luminis.com for complete I.E.S. formatted download data.
TYPICAL PHOTOMETRY SUMMARY
STANDARD COLORS
WHT Snow white
BKT Jet black
BZT Bronze
MST Matte silver
GRT Titanium gray
DGT Gun metal
CHT Champagne
SGT Steel Gray
BGT English Cream
OPTIONAL COLORS
Wood grain finishes
NMR Mahogany red2
NMO Maple oak2
NTW Teak wood2
Base column only
CS
Custom color
RAL RAL# color
(Refer to color chart)
120V
277V
Optional
347V
LUMINAIRE SELECTION
OPTIONS
NOTES
1- Luminairesarefactoryprewiredfor120V(ifnovoltageisspecified.)Forothervoltages,pleasespecifywithcatalognumber,orconsultfactory.
2-
Castaluminumtop&basecoversareasfollowsforselectedwoodgrainfinishes:BZTpairedwithNMR;SGTpairedwithNMO;BGTpairedwith
NTW(Othercolorsavailable.Pleasecontactfactory).
3- FuseandphotocelloptionsarenormallyinstalledwithpoleswhenspecifiedwithLuminisluminaires(exceptforothertypesofmounting).
4- GFIandCGFoptionsareinstalled24”abovegradeunlessotherwisespecified.
5- BNF,2BNF,BNF180&2BNF180arefactorysetinpositionasrequired.Locationalongpoletobespecified.
ELECTRICAL
FS
Fuse3
PH
Photocell3
347L
347V input power driver
SP
Surge protector 10KV
NOTE: LumiSTIKcolumniscomposedoffiveparts.Pleasespecify:Model#,LEDlightsource,OAHcolumn,voltageandfinish.Ex:CL621-L1W30-R3-CLP8115-120-BKT
24”
MODEL SELECTION
VOLTAGE1
FINISH
LED LIGHT SELECTION (4000K/80CRI)
OAH COLUMN SELECTION
CL621
Type III
Type V
L1W18-R3
18W
1602
L1W30-R3
30W
2580
L1W18-R5
18W
1602
L1W30-R5
30W
2580
INPUT
DELIVERED
SUFFIX
WATTS
LUMENS
96”
120”
144”
168”
192”
CLP669
CLP693
CLP6117
CLP6141
CLP6165
(OAH Column consists of acrylic + pole)
CL621
POLE FOR:
OAH Assembly
ACCESSORIES
GFI
Ground fault interruption receptacle4
CGF
Ground fault interruption with clear in-use cover4
BNF
Fixed 24” banner support (single arm at top)5
2BNF
Two fixed 24” banner supports (arm at top & bottom)5
BNF180 Two fixed 24” banner supports at 180º (arms at top only)5
2BNF180 Four fixed 24” banner supports at 180º (arms at top & bottom)5
LIGHT
Alternate CCT ºK LED (LCF: Lumen conversion factor)
K27
2700K CCT 80 CRI (LCF: 0.91)
K3
3000K CCT 80 CRI (LCF: 0.94)
K35
3500K CCT 80 CRI (LCF: 0.98)
NOTE:OtherCCT&higherCRIavailable,pleaseconsultfactory.
Descriptive Information
CL621-L1W30-R3
Total Lms: 2580 Lumens
Total Input Watts: 30 W
Source: LED
Efficacy: 86 Lumens/Watt
BUG: B1-U0-G1
CCT/CRI: 4000K/80
Maximum Candela: 1469 @ 75 deg H/
65 deg. V
Descriptive Information
CL621-L1W30-R5
Total Lms: 2580 Lumens
Total Input Watts: 30 W
Source: LED
Efficacy: 86 Lumens/Watt
BUG: B2-U0-G2
CCT/CRI: 4000K/80
Maximum Candela: 1154 @ 65 deg. V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com