Electronic Components Datasheet Search
  English  ▼

X  

UNR511Z Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part # UNR511Z
Description  Silicon PNP epitaxial planar type
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR511Z Datasheet(HTML) 15 Page - Panasonic Semiconductor

Back Button UNR511Z Datasheet HTML 9Page - Panasonic Semiconductor UNR511Z Datasheet HTML 10Page - Panasonic Semiconductor UNR511Z Datasheet HTML 11Page - Panasonic Semiconductor UNR511Z Datasheet HTML 12Page - Panasonic Semiconductor UNR511Z Datasheet HTML 13Page - Panasonic Semiconductor UNR511Z Datasheet HTML 14Page - Panasonic Semiconductor UNR511Z Datasheet HTML 15Page - Panasonic Semiconductor UNR511Z Datasheet HTML 16Page - Panasonic Semiconductor UNR511Z Datasheet HTML 17Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
UNR511x Series
SJH00022BED
Characteristics charts of UNR511T
IC  VCE
VCE(sat)  IC
hFE  IC
IO  VIN
VIN  IO
Characteristics charts of UNR511V
IC  VCE
VCE(sat)  IC
hFE  IC
0
0
−12
−2
−10
−4
−8
−6
−50
−150
−100
−200
Collector-emitter voltage V
CE (V)
Ta
= 25°C
IB
= −1.0 mA
– 0.7 mA
– 0.8 mA
– 0.9 mA
– 0.6 mA
– 0.5 mA
− 0.4 mA
− 0.3 mA
− 0.2 mA
− 0.1 mA
− 0.01
−1
− 0.1
−1
−10
−10
−100
−1000
Collector current I
C (mA)
IC / IB = 10
Ta
= 75°C
25
°C
−25°C
0
−1
300
250
200
150
100
50
−10
−100
−1000
Collector current I
C (mA)
VCE
= −10 V
Ta
= 75°C
25
°C
−25°C
−1
− 0.4
−10
−102
−103
−104
−1.4
−1.2
−1
− 0.8
− 0.6
Input voltage V
IN (V)
VO
= −5 V
Ta
= 25°C
− 0.01
− 0.1
− 0.1
−1
−10
−100
−1
−10
−100
Output current IO (mA)
VO
= − 0.2 V
Ta
= 25°C
0
−10
−8
−6
−4
−2
−12
0
−12
−2
−10
−4
−8
−6
Ta
= 25°C
IB
= −1.0 mA
− 0.3 mA
− 0.2 mA
− 0.1 mA
− 0.4 mA
− 0.5 mA
− 0.6 mA
− 0.7 mA
− 0.8 mA
− 0.9 mA
Collector-emitter voltage V
CE (V)
−1
−10
−100
−1000
− 0.01
− 0.1
−10
−1
IC
/ I
B
= 10
25
°C
−25°C
Ta
= 75°C
Collector current I
C (mA)
0
12
10
8
6
4
2
−1
−10
−100
−1000
VCE
= −10 V
25
°C
−25°C
Ta
= 75°C
Collector current I
C (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com