Electronic Components Datasheet Search
  English  ▼

X  

SF-0603FP300 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603FP300
Description  Fast Acting Precision Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FP300 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603FP300 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FP300 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FP300 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FP300 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
n
Fastactingprecisionthinfilmchipfusefor
overcurrentprotection
n
1608(EIA0603)miniaturefootprint
n
Surfacemountpackagingforautomated
assembly
n
ULlisted(UL248-14)
n
RoHScompliant*andhalogenfree**
Electrical Characteristics
SF-0603FPSeries-FastActingPrecisionSurfaceMountFuses
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;
(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
“SinglFuse”isatrademarkofBourns,Inc.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Reliability Testing
Parameter
Requirement
Test Method
Carrying Capacity.....................................No fusing....................................................Rated current, 4 hours
Fusing Time..............................................Within 5 seconds........................................200 % of its rated current
Interrupting Ability.....................................No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test.............................................No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
Resistance to Solder Heat........................±20 %.........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability..............................................95 % coverage minimum ...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise .....................................<75 ° C.......................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat.............................±20 %.........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent...............................No evident damage on protective ..............23 °C ±5 °C of isopropyl alcohol, 90 seconds
coating and marking
Residual Resistance.................................10k ohms or more......................................Measure DC resistance after fusing
Thermal Shock .........................................DR < 10 %..................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
UL File Number .........................................E198545
http://www.ul.com/FollowlinktoOnlineCertificatesDirectory,thenenterULFileNo.E198545,
or click here
Model
Rated Current
(Amps)
Fusing Time
Resistance
Tolerance ±25 %
(mΩ) ***
Rated Voltage Breaking Capacity
Typical
I2t (A2s) ****
SF-0603FP050
0.50
Open within 5 sec.
at 200 % rated
current
260
DC 50 V
DC 50 V
50 A
0.088
SF-0603FP063
0.63
218
DC 32 V
DC 32 V
50 A
0.0125
SF-0603FP080
0.80
132
0.0206
SF-0603FP100
1.00
84.5
0.0211
SF-0603FP125
1.25
63
0.0472
SF-0603FP150
1.50
50.5
0.0623
SF-0603FP160
1.60
46
0.0817
SF-0603FP200
2.00
32
0.1176
SF-0603FP250
2.50
25.5
0.1807
SF-0603FP300
3.00
20
0.3177
SF-0603FP315
3.15
19
0.3615
SF-0603FP400
4.00
13
0.5348
SF-0603FP500
5.00
10
0.7726
SinglFuse™SF-0603FPSeriesFeatures
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 520 390
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com
Operating Temperature..................................................................................-20 °C to +105 °C
Storage Conditions
Temperature ................................................................................................+5 °C to +35 °C
Humidity...........................................................................................................40 % to 75 %
Shelf Life........................................................................... 2 years from manufacturing date
Moisture Sensitivity Level........................................................................................................1
ESDClassification(HBM)..............................................................................................Class 6
Environmental Characteristics
*** Resistance value measured with less than 10 % of rated current. Tolerance ±25 %.
****Typical I2t value measured at 10x rated current.


Similar Part No. - SF-0603FP300

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603FP300F-2 BOURNS-SF-0603FP300F-2 Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0603FP300F-2 BOURNS-SF-0603FP300F-2 Datasheet
257Kb / 6P
SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP300M-2 BOURNS-SF-0603FP300M-2 Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0603FP300M-2 BOURNS-SF-0603FP300M-2 Datasheet
254Kb / 6P
SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results

Similar Description - SF-0603FP300

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF-0402FP BOURNS-SF-0402FP Datasheet
502Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-1206FP BOURNS-SF-1206FP Datasheet
859Kb / 4P
Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXM BOURNS-SF-0603FPXXXM Datasheet
405Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-2410FPXXXW BOURNS-SF-2410FPXXXW Datasheet
493Kb / 5P
Fast Acting Precision Wire Core Surface Mount Fuses
SF-0402FPXXXF BOURNS-SF-0402FPXXXF Datasheet
528Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF-0603FPXXXF BOURNS-SF-0603FPXXXF Datasheet
496Kb / 5P
Fast Acting Precision Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com