Electronic Components Datasheet Search
  English  ▼

X  

SF-0603FP300 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SF-0603FP300
Description  Fast Acting Precision Surface Mount Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603FP300 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SF-0603FP300 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603FP300 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603FP300 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603FP300 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SF-0603FPSeries-FastActingPrecisionSurfaceMountFuses
Average Time Current Curves
Minimum I2T V Clear Time Curves
REV. B 09/17
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Typical Part Marking
Represents total content. Layout may vary.
How to Order
SF - 0603 FP 050 - 2
SinglFuse™
Product Designator
SMD Footprint
1608 (EIA 0603) size
Fuse Blow Type
FP = Fast acting precision
Rated Current
050-500 (500 mA - 5.00 A)
Packaging Type
- 2 = Tape & Reel (5,000 pcs./reel)
RATED CURRENT (A)
F = 0.50
I = 0.63
K = 0.80
L = 1.00
M = 1.25
P = 1.50
N = 1.60
S = 2.00
T = 2.50
3 = 3.00
U = 3.15
W = 4.00
Y = 5.00
1.50 A
1.25 A
100
10
1
0.1
0.01
1.50 A
1.25 A
1.00 A
0.80 A
0.63 A
0.50 A
1.60 A
2.00 A
2.50 A
3.00 A
3.15 A
4.00 A
5.00 A
0.001
0.1
1
10
CURRENT (A)
100
4.00 A
3.15 A
3.00 A
2.50 A
2.00 A
1.60 A
1.00 A
0.80 A
0.63 A
0.50 A
100
10
1
0.1
0.01
5.00 A
0.001
0.001
0.01
0.1
1
CLEARING TIME (S)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com