Electronic Components Datasheet Search
  English  ▼

X  

XR68C192IP Datasheet(PDF) 29 Page - Exar Corporation

Part # XR68C192IP
Description  DUAL UNIVERSAL ASYNCHRONOUS RECEIVER AND TRANSMITTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR68C192IP Datasheet(HTML) 29 Page - Exar Corporation

Back Button XR68C192IP Datasheet HTML 24Page - Exar Corporation XR68C192IP Datasheet HTML 25Page - Exar Corporation XR68C192IP Datasheet HTML 26Page - Exar Corporation XR68C192IP Datasheet HTML 27Page - Exar Corporation XR68C192IP Datasheet HTML 28Page - Exar Corporation XR68C192IP Datasheet HTML 29Page - Exar Corporation XR68C192IP Datasheet HTML 30Page - Exar Corporation XR68C192IP Datasheet HTML 31Page - Exar Corporation XR68C192IP Datasheet HTML 32Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
XR68C92/192
29
Rev. P1.10
40
1
21
20
D
e
A
1
E
1
E
A
L
Seating
Plane
A
2
α
B
1
B
C
e
B
e
A
40 LEAD PLASTIC DUAL-IN-LINE
(600 MIL PDIP)
Rev. 1.00
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.16
0.25
4.06
6.35
A1
0.015
0.07
0.38
1.78
A2
0.125
0.195
3.18
4.95
B
0.014
0.024
0.36
0.56
B1
0.03
0.07
0.76
1.78
C
0.008
0.014
0.2
0.38
D
1.98
2.095
50.29
53.21
E
0.6
0.625
15.24
15.88
E1
0.485
0.58
12.32
14.73
e
eA
eB
0.6
0.7
15.24
17.78
L
0.115
0.2
2.92
5.08
a
0°
15°
0°
15°
INCHES
0.100 BSC
0.600 BSC
2.54 BSC
15.24 BSC
Note: The control dimension is the inch column



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com