Electronic Components Datasheet Search
  English  ▼

X  

ACE7701A Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE7701A
Description  P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7701A Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE7701A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ACE7701A
P-Channel Enhancement Mode MOSFET
VER 1.1
5
Packing Information
TSOT-23-3
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.820
1.200
0.0323
0.0430
A1
0.000
0.100
0.0000
0.0040
A2
0.820
1.100
0.0323
0.0390
b
0.300
0.500
0.0120
0.0200
c
0.080
0.150
0.0030
0.0060
D
2.800
3.000
0.1100
0.1180
E
1.200
1.400
0.0470
0.0550
E1
2.200
2.550
0.0866
0.1000
e
0.95 TYP
0.037 TYP
e1
1.800
2.000
0.0710
0.0790
L
0.529 REF
0.0208 REF
L1
0.200
0.500
0.0079
0.0200
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com