Electronic Components Datasheet Search
  English  ▼

X  

ACE7701A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7701A
Description  P-Channel Enhancement Mode MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7701A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7701A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7701A Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE7701A
P-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE7701A is the P-Channel logic enhancement mode power field effect transistors are produced
using high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage application such as cellular phone and notebook
computer power management and other battery powered circuits, and low in-line power loss are needed
in a very small outline surface mount package.
Features
-60V/-0.5A,RDS(ON)= 6Ω@VGS=- 10V
-60V/-0.25A,RDS(ON)= 10Ω@VGS=-4.5V
Super high density cell design for extremely low RDS (ON)
Exceptional on-resistance and maximum DC current capability
TSOT-23 package design
Applications
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
Absolute Maximum Ratings
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (TJ=150℃)
TA=25℃
ID
-0.5
A
TA=70℃
-0.3
Pulsed Drain Current
IDM
0.8
A
Power Dissipation
TA=25℃
PD
1.25
A
TA=70℃
0.8
Operating Junction Temperature
TJ
150
W
Storage Temperature Range
TSTG
-55~150
OC
Thermal Resistance-Junction to Ambient
RθJA
375
OC /W


Similar Part No. - ACE7701A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE77LE9 ACE-ACE77LE9 Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
ACE77LE9GM+H ACE-ACE77LE9GM+H Datasheet
539Kb / 8P
High Efficiency Low Noise PFM Step-Up DC/DC Converter
VER 1.1
More results

Similar Description - ACE7701A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com