Electronic Components Datasheet Search
  English  ▼

X  

ACE14419T Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE14419T
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE14419T Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE14419T Datasheet HTML 1Page - ACE Technology Co., LTD. ACE14419T Datasheet HTML 2Page - ACE Technology Co., LTD. ACE14419T Datasheet HTML 3Page - ACE Technology Co., LTD. ACE14419T Datasheet HTML 4Page - ACE Technology Co., LTD. ACE14419T Datasheet HTML 5Page - ACE Technology Co., LTD. ACE14419T Datasheet HTML 6Page - ACE Technology Co., LTD. ACE14419T Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE14419T
P-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
The ACE14419T uses advanced trench technology to provide excellent RDS, low gate charge and
operation with gate voltages as low as 4.5V.
RoHS Compliant
Halogen Free
Features
VDS (V) = -30V,ID = -9.1A
RDS(ON)
<20mΩ @ V
GS= -10V
RDS(ON
)<30mΩ @ V
GS= -4.5V
SOP-8 Package
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Drain Current (Continuous)
TA=25
OC
ID
-9.1
A
TA=70
OC
-7.5
Drain Current (Pulse)
IDM
-50
Power Dissipation
TA=25
OC
PD
3.1
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
OC
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-case
Rthj-c
24
OC/W
Thermal Resistance Junction-ambient
Rthj-a
48
OC/W
Packaging Type
SOP-8


Similar Part No. - ACE14419T

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14409T ACE-ACE14409T Datasheet
792Kb / 7P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE14409TFM+H ACE-ACE14409TFM+H Datasheet
792Kb / 7P
P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
ACE14435B ACE-ACE14435B Datasheet
184Kb / 2P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE14419T

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com