Electronic Components Datasheet Search
  English  ▼

X  

MLX90805 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLX90805
Description  Intelligent Triac Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90805 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLX90805 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 4Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MLX90805
Intelligent Triac Controller
MLX90805 Intelligent Triac Controller
Page 2
Rev 1.2
17/May/00
Description of Block Diagram
Voltage Regulator
The chip is supplied from the AC line voltage, by a
half wave rectifier. The voltage at pin VDDA is limited
to ~ 15.5V. The digital part and some of the periph-
eral blocks are supplied by internally generated VDD
~ 5V.
Analog Power on Reset
This block tracks the voltage at VDDA, and permits
generation of firing pulses for the triac only if VDDA >
~13V. It is considered otherwise that the motor is not
properly supplied by the mains.
Oscillator
There is an on chip oscillator. All timing constraints
inside the chip are derived from this clock.
FLL
A frequency locked loop circuit is implemented to
obtain a clock frequency from a current controlled
oscillator, by using the mains frequency as a refer-
ence. A successive approximation algorithm is used
at start up to minimize the time for the oscillator ad-
justment.
Reference Voltage
This voltage is used to supply the external potenti-
ometer for the definition of different speed settings.
ADC
The analog signal from the potentiometer, which de-
fines the speed setting, is transferred into digital by a
4-bit ADC. The reference for the converter is the volt-
age used to supply the potentiometer.
ROM
The digital words from the ADC act as the address of
a ROM table in which the different firing angles are
programmed. This means that 16 different firing an-
gles can be selected.
Zero Cross
This block detects the moments when mains voltage
crosses zero level. An accurate detection allows
good synchronization, so firing pulses driving the
triac can be generated at the right moment.
Logic
This block performs all control functions to realize
time synchronization, smooth soft start, and proper
triac firing, so that motor runs at a defined speed.
Triac Driver
This output is able to drive directly a triac. It defines
the triac gate current and operates as current gen-
erator. There is no need of external resistor for cur-
rent limitation.
Auto Retriggering
This block tracks if the triac is on after each firing
pulse. If the triac is off 20us after a firing pulse, a
new pulse is generated.
Thermal Protection
The chip is able to supply an external protection cir-
cuitry, typically an NTC resistor with reference resis-
tor, to track the ambient temperature. If the voltage at
THP equals Vref/2 the protection is activated and
the chip sets the firing angle defined by the value in
ROM address 1. A resistor connected to pin FB can
introduce hysteresis in the detection level.
Options
This block defines different modes of the chip opera-
tion.
zero
crossing
detector
Vref
Lookup
ROM
COMP
Options
Logic
Triac driver
Auto
retriggering
ADC
Power monitoring
and reset
Voltage
regulator
V s s
Vdda
THP
F B
ZCD
SET
Vref
Vref/2
90805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com