Electronic Components Datasheet Search
  English  ▼

X  

MLX90805 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MLX90805
Description  Intelligent Triac Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90805 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MLX90805 Datasheet HTML 5Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 6Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 7Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 8Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 9Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 10Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 11Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 12Page - List of Unclassifed Manufacturers MLX90805 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 13
MLX90805
Intelligent Triac Controller
MLX90805 Intelligent Triac Controller
Page 13
Rev 1.2
17/May/00
“SO” Package Dimensions
For the latest version of this document,
Go to our website at:
www.melexis.com
Or for additional information
contact Melexis Direct:
USA
Melexis Inc.
41 Locke Road, Concord, NH 03301
Phone: +1 603 223 2362
Fax: +1 603 223 9614
E-mail: sales_usa@melexis.com
United Kingdom
Silicon Concepts
PCB Lynchborough Road, Hampshire GU30 7SB, United Kingdom
Phone: +44 1428 751 617
Fax: +44 1428 751 603
E-mail: sales_uk@melexis.com
Germany
Am Seestern 8, 40547 Düsseldorf, Germany
Phone: +49 211 5360212
Fax: +49 211 5360250
E-mail: sales_de@melexis.com
France
Melexis France
Tour Arago, 5 rue Bellini, 92806 Puteaux-La-Défense, France.
Phone: +33 1 47 78 11 34
Fax: +33 1 47 78 06 35
E-mail: sales_france@melexis.com
Italy
Dimacred IRL
Via Papa Giovanni XXIII no. 25, 20046 Biassono, Italy
Phone: +39 039 249 4856
Fax: +39 039 491773
E-mail: sales_italy@melexis.com
Japan
Satori Electric Co., LTD
1-14-10 Shiba, Minato-Ku, Tokyo, Japan
Phone: +81 3 3452 7171
Fax: +81 3 3769 2197
E-mail: sales_japan@melexis.com
Taiwan
Beechwood Int’l Taiwan Co.
Room 8, 17F, No. 189, Taipei, Taiwan
Phone: +886 2 2739 3322
Fax: +886 2 2739 3090
E-mail: sales_taiwan@melexis.com
0.40
1.27
0 o to 8o
2.35
2.65
0.010 min.
0.33
0.51
A
Dimension
8 Leads
14 Leads
A
4.80
5.00
Min
Max
8.55
8.75
16 Leads
9.80
10.00
3.80
4.00
5.80
6.20
1.27
Notes:
1-All nominal measurements in millimeters
2-Bod y dimensions do not include mold flash
or
protrusion - not to exceed
0.15mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com