Electronic Components Datasheet Search
  English  ▼

X  

DMP3035LSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3035LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3035LSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3035LSS Datasheet HTML 1Page - Diodes Incorporated DMP3035LSS Datasheet HTML 2Page - Diodes Incorporated DMP3035LSS Datasheet HTML 3Page - Diodes Incorporated DMP3035LSS Datasheet HTML 4Page - Diodes Incorporated DMP3035LSS Datasheet HTML 5Page - Diodes Incorporated DMP3035LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP3035LSS
Document number: DS31443 Rev. 10 - 3
4 of 6
www.diodes.com
September 2017
© Diodes Incorporated
DMP3035LSS
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1,000
10,000
Fig. 9 Transient Thermal Response
t , PULSE DURATION TIME (s)
1
T - T = P * R
(t)
Duty Cycle, D = t /t
J
A
JA
12
R
(t) = r(t) * R
R
= 87癈 /W

JA
JA
JA
P(pk)
t
1
t2
D = 0.7
D = 0.5
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse
D = 0.9
Fig. 8 Diode Forward Voltage vs. Current
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
1.2
-V
, SOURCE-DRAIN VOLTAGE (V)
SD
-I
,
S
O
U
R
C
E
C
U
R
R
E
N
T
(
A
)
S
T = 25°C
A
0
0.4
0.8
1.2
1.6
2.0
2.4
-50
-25
0
25
50
75
100
125 150
T , AMBIENT TEMPERATURE (°C)
A
-
V
,
G
A
T
E
T
H
R
E
S
H
O
L
D
V
O
L
T
A
G
E
(
V
)
G
S
(
T
H
)
I = -250µA
D
Fig. 7 Gate Threshold Variation vs. Ambient Temperature
87
oC/W
0
2
4
6
8
10
0
5
10
15
20
25
Qg (nC)
Fig. 9 Gate Charge
V
DS = -15V, ID = -8A
0.01
0.1
1
10
100
0.1
1
10
100
V
DS, DRAIN-SOURCE VOLTAGE (V)
Fig.10 SOA, Safe Operation Area
T
J(MAX)=150℃
T
C=25℃
Single Pulse
DUT on 1*MRP board
V
GS= -10V
R
DS(ON) Limited
P
W=10s
P
W=1s
DC
P
W=100ms
P
W=10ms
P
W=1ms
P
W=100µs
Fig. 11 Transient Thermal Response
NOT RECOMMENDED FOR NEW DESIGN
USE DMP3036SSS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com