Electronic Components Datasheet Search
  English  ▼

X  

DMP3035LSS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP3035LSS
Description  SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3035LSS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP3035LSS Datasheet HTML 1Page - Diodes Incorporated DMP3035LSS Datasheet HTML 2Page - Diodes Incorporated DMP3035LSS Datasheet HTML 3Page - Diodes Incorporated DMP3035LSS Datasheet HTML 4Page - Diodes Incorporated DMP3035LSS Datasheet HTML 5Page - Diodes Incorporated DMP3035LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DMP3035LSS
Document number: DS31443 Rev. 10 - 3
1 of 6
www.diodes.com
September 2017
© Diodes Incorporated
DMP3035LSS
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
BVDSS
RDS(ON) Max
ID Max
TA = +25°C
-30V
14m
Ω @ VGS = -20V
-10A
18m
Ω @ VGS = -10V
-8.8A
36m
Ω @ VGS = -4.5V
-6.2A
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)), yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
Backlighting
Power Management Functions
DC-DC Converters
Features and Benefits
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See Diagram
Terminals: Finish - Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMP3035LSS-13
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
SO-8
Top View
Top View
Internal Schematic
D
S
D
D
D
S
S
G
Equivalent Circuit
D
S
G
= Manufacturer’s Marking
P3035LS = Product Type Marking Code
YYWW = Date Code Marking
YY or YY = Year (ex: 17 = 2017)
WW = Week (01 to 53)
1
4
8
5
P3035LS
WW
YY
NOT RECOMMENDED FOR NEW DESIGN
USE DMP3036SSS


Similar Part No. - DMP3035LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3035LSS DIODES-DMP3035LSS Datasheet
175Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31443 Rev. 6 - 2
DMP3035LSS-13 DIODES-DMP3035LSS-13 Datasheet
175Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31443 Rev. 6 - 2
More results

Similar Description - DMP3035LSS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3020LSS DIODES-DMP3020LSS Datasheet
204Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31263 Rev. 8 - 2
DMP2022LSS DIODES-DMP2022LSS Datasheet
126Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31373 Rev. 5 - 2
DMP3035LSS DIODES-DMP3035LSS Datasheet
175Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31443 Rev. 6 - 2
DMP3015LSS DIODES-DMP3015LSS Datasheet
246Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31472 Rev. 4 - 2
DMP2066LSS DIODES-DMP2066LSS Datasheet
161Kb / 4P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
DS31522 Rev. 1 - 2
DMP3020LSS DIODES-DMP3020LSS_15 Datasheet
251Kb / 6P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 11
DMP3015LSS DIODES-DMP3015LSS_15 Datasheet
264Kb / 5P
SINGLE P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
HUAYI MICROELECTRONICS ...
HY15P03C2 HUAYI-HY15P03C2 Datasheet
2Mb / 9P
Single P-Channel Enhancement Mode MOSFET
HYG065P03LQ1C2 HUAYI-HYG065P03LQ1C2 Datasheet
1Mb / 9P
Single P-Channel Enhancement Mode MOSFET
HYG110P04LQ1C2 HUAYI-HYG110P04LQ1C2 Datasheet
837Kb / 10P
Single P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com