Electronic Components Datasheet Search
  English  ▼

X  

MS1505 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1505
Description  RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1505 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1505 Datasheet HTML 1Page - Advanced Power Technology MS1505 Datasheet HTML 2Page - Advanced Power Technology MS1505 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
053-7086 Rev - 10-2002
MS1505
RF & MICROWAVE TRANSISTORS
VHF MOBILE APPLICATIONS
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
DESCRIPTION:
The MS1505 is a 13.6 volt Class C epitaxial silicon NPN planar
transistor designed primarily for VHF communications. The MS1505
utilizes an emitter ballasted die geometry to withstand severe load
VSWR conditions
.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°°°C)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
36
V
VCEO
Collector-Emitter Voltage
18
V
VCES
Collector-Emitter Voltage
36
V
VEBO
Emitter-Base Voltage
4.0
V
IC
Device Current
8.0
A
PDISS
Power Dissipation
70
W
TJ
Junction Temperature
+200
°°°°C
TSTG
Storage Temperature
-65 to +150
°°°°C
Thermal Data
Thermal Data
Thermal Data
Thermal Data
RTH(J-C)
Junction-case Thermal Resistance
1.2
°°°°C/W
Features
Features
Features
Features
• 160 MHz
• 13.6 VOLTS
• POUT = 30 WATTS
• GP = 10 dB MINIMUM
• COMMON EMITTER CONFIGURATION


Similar Part No. - MS1505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS150 ETC2-MS150 Datasheet
233Kb / 2P
Power Film Resistors
logo
Caddock Electronics, In...
MS150 CADDOCK-MS150 Datasheet
400Kb / 2P
Type MS Power Film Resistors
logo
Advanced Power Technolo...
MS1501 ADPOW-MS1501 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1502 ADPOW-MS1502 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS UHF TV/LINEAR APPLICATIONS
MS1503 ADPOW-MS1503 Datasheet
99Kb / 3P
RF & MICROWAVE TRANSISTORS WIDE BAND VHF/UHF APPLICATIONS
More results

Similar Description - MS1505

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1274 STMICROELECTRONICS-SD1274 Datasheet
57Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275-01 STMICROELECTRONICS-SD1275-01 Datasheet
59Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1275 STMICROELECTRONICS-SD1275 Datasheet
56Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Jun-1993
SD1477 STMICROELECTRONICS-SD1477 Datasheet
64Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1251 ADPOW-MS1251 Datasheet
193Kb / 6P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1261 ADPOW-MS1261 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1506 ADPOW-MS1506 Datasheet
88Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
SD1014-06 ADPOW-SD1014-06 Datasheet
119Kb / 4P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1003 ADPOW-MS1003 Datasheet
97Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
MS1337 ADPOW-MS1337 Datasheet
108Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com