Electronic Components Datasheet Search
  English  ▼

X  

MS1505 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS1505
Description  RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1505 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS1505 Datasheet HTML 1Page - Advanced Power Technology MS1505 Datasheet HTML 2Page - Advanced Power Technology MS1505 Datasheet HTML 3Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
053-7086 Rev - 10-2002
MS1505
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25°°°°C)
C)
C)
C)
SSSSTATIC
TATIC
TATIC
TATIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCES
IC = 15mA
VBE = 0mA
36
---
---
V
BVCEO
IC = 50mA
IB = 0mA
18
---
---
V
BVEBO
IE = 5mA
IC = 0mA
4.0
---
---
V
ICBO
VCB = 15V
IE = 0mA
---
---
5
mA
hFE
VCE = 5V
IC = 250mA
20
---
200
---
DYNAMIC
DYNAMIC
DYNAMIC
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
POUT
f = 160MHz
PIN = 3.0W
VCE = 13.6V
30
---
---
W
GP
f = 160MHz
PIN = 3.0W
VCE = 13.6V
10
---
---
dB
COB
f = 1MHz
VCB = 15V
---
---
110
pf
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
IMPEDANCE DATA
FREQ
ZIN(
Ω)
Ω)
Ω)
Ω)
ZCL(
Ω)
Ω)
Ω)
Ω)
160 MHz
1.0 +j0.4
2.3 + j0.1
PIN = 3.0 W
VCE = 12.5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com