Electronic Components Datasheet Search
  English  ▼

X  

MX623 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MX623
Description  Line-Powered Call Progress Tone Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX623 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MX623 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480091.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies.
Line- Powered Call Progress Detector
6
MX623 Preliminary Information
Tone to NOTONE Response Time
t
NT
4
-
-
60.0
ms
Data to Data-Change Pulse Time
t
DC
0.625
-
1.15
ms
Data-Change Pulse Width
t
PUL
-
1.25
-
ms
Hold to Data-Change Rise Time
t
HOLD
63.0
-
-
µs
HOLD to Data-Change Fall Time
t
NORM
-
-
150
µs
IRQ Tone Response Time
t
RIRQ
-
29.0
52.0
ms
IRQ Reset Time
t
IR
-
-
250
ns
Data Access Time
t
ACS
-
-
250
ns
CS High to Output Tri-State Time
t
HIZ
-
-
100
ns
Notes
1. This pin has an on-chip 1.0M
Ω pullup resistor.
2. An a.c. coupled sine or squarewave.
3. See Table 1, Tone Decode Frequencies.
4. Delay between the change of input (Tone/NOTONE) and the change at the Q0 - Q3 outputs.
5. The signal input maximum value is determined by the formula V
DD/2.83.
Characteristics
See Note
Min.
Typ.
Max.
Unit
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
A
B
C
E
E1
H
TYP.
MAX.
MIN.
DIM.
J
J1
P
Y
T
K
L
0.220 (5.59)
0.555 (14.04)
0.670 (17.02)
7°
0.160 (4.05)
1.270 (32.26)
0.151 (3.84)
0.100 (2.54)
0.121 (3.07)
0.600 (15.24)
0.590 (14.99)
0.625 (15.88)
0.015 (0.38)
0.045 (1.14)
0.008 (0.20)
0.015 (0.38)
0.015 (0.38)
0.023 (0.58)
0.040 (1.02)
0.065 (1.65)
0.066 (1.67)
0.074 (1.88)
1.200 (30.48)
0.500 (12.70)
H
K
L
J1
J1
J
J
P
P
C
C
B
B
A
A
PIN1
PIN1
T
T
E
E
E1
E1
Y
Figure 5: 16-pin PDIP Mechanical Outline:
order as part no. MX623P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com