Electronic Components Datasheet Search
  English  ▼

X  

MX623 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MX623
Description  Line-Powered Call Progress Tone Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX623 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MX623 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX623 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATA BULLETIN
MX623
PRELIMINARY INFORMATION
The MX623 is a low-power decoding integrated circuit that measures the frequency of telephone system call progress
tones.
With progress signals input from the telephone line, this single-chip product is programmed to recognize up to thirteen
of the World's most commonly used call-progress frequencies, analyze signal quality, and present the measured result
as a 4-bit parallel data word at the tri-state Data Output.
Using the parallel information from the MX623, the host system, can recognize such call progress information as: ‘Dial’,
‘Busy’, ‘Number Unobtainable’, ‘Ringing’ and Fax/Modem system signals.
This information can then be used in simple or complex applications to control telephone operations. The data output
will require a software format that can analyze the frequency information from the MX623.
Requiring only a single 3.0
[MIN] volt power supply, the MX623 may be line-powered and will operate under simple logic
or system
µProcessor control using the 'Data-Change, 'Hold' and 'Chip-Select' functions.
The MX623, whose small size and low power consumption makes it ideal for remote applications, requires a
3.579545MHz telephone system clock or Xtal input, is available in a 16-pin PDIP.
AVAILABLE
PACKAGES
MX623P
16-pin PDIP
XTAL/CLOCK
OSCILLATOR
SIGNAL IN
XTAL/CLOCK
Clocks
Clocks
DATA
CHANGE
DATA
OUTPUTS
Q0
Q1
Q2
Q3
IRQ
VDD
VSS
CONTROL
CIRCUITRY
TIMER
CHIP SELECT
HOLD
PURS
DIGITAL
FILTER
OUTPUT
LATCHES
LIMITER
XTAL
MEASUREMENT
AND
DECODE
•
MX•COM MiXed Signal CMOS
•
Custom Tone Decoder (13 Call-Progress
Frequencies Recognized)
•
Operates to a 3.579545MHz Telephone System
Clock
•
Operates Under Simple Logic or µProcessor
System Control
•
Measures Call Progress Tone Frequencies
(‘Busy’, ‘Dial’, ‘Fax-Tone’ etc.)
•
Telephone, PABX, Fax and Dial-Up Modem
Applications
•
Low-Power Requirement (600µA at 3.3 Volts
TYP)
for Line-Powered Applications
Line-Powered Call Progress
Tone Detector
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480091.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA All trademarks and service marks are held by their respective companies.


Similar Part No. - MX623

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
MX62 JAE-MX62 Datasheet
235Kb / 5P
USB3.0 High-speed Transmission Connector for Automotive
MX62010HQ1R100 JAE-MX62010HQ1R100 Datasheet
134Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
MX62010HQ2R100 JAE-MX62010HQ2R100 Datasheet
114Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
MX62010HQ3R100 JAE-MX62010HQ3R100 Datasheet
136Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
MX62010HQ4R100 JAE-MX62010HQ4R100 Datasheet
136Kb / 2P
Automotive Connector, USB3.0 High-speed transmission, 10 pos., pitch 2.0 mm, 2 row, PCB side connector
More results

Similar Description - MX623

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
3V/5V General Purpose Call Progress Tone Detector
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
Precise Call Progress Tone Detector
M-991 CLARE-M-991 Datasheet
171Kb / 6P
Call Progress Tone Generator
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
Call Progress Tone Detector
March 31, 2003
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
Call Progress Tone Decoder
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
Call Progress Tone Detector
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
3V/5V General Purpose Call Progress Tone Detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com