Electronic Components Datasheet Search
  English  ▼

X  

TSSP770 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TSSP770
Description  IR Sensor Module for Reflective Sensor, Light Barrier,and Fast Proximity Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP770 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TSSP770 Datasheet HTML 7Page - Vishay Siliconix TSSP770 Datasheet HTML 8Page - Vishay Siliconix TSSP770 Datasheet HTML 9Page - Vishay Siliconix TSSP770 Datasheet HTML 10Page - Vishay Siliconix TSSP770 Datasheet HTML 11Page - Vishay Siliconix TSSP770 Datasheet HTML 12Page - Vishay Siliconix TSSP770 Datasheet HTML 13Page - Vishay Siliconix TSSP770 Datasheet HTML 14Page - Vishay Siliconix TSSP770 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SMD Tape and Reel
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 17-Aug-17
1
Document Number: 80125
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Tape and Reel Standards for Surface-Mount IR Receiver Modules
Vishay Semiconductor surface-mount IR receivers are
packaged on tape and reel. The following specification is
based on IEC publication 286, which takes the industrial
requirements for automatic insertion into account.
Absolute maximum ratings, mechanical dimensions, optical
and electrical characteristics for taped devices are identical
to the basic catalog types and can be found in the
specifications for untaped devices.
PACKAGING
The tapes of components are available on reels. Each reel is
marked with labels which contain the following information:
- Vishay
- Type
- Group
- Tape code, normally part of type name
- Production code
- Quantity
MISSING COMPONENTS
Up to 3 consecutive components may be missing if the gap
is followed by at least 6 components. A maximum of 0.5 %
of the components per reel quantity may be missing. At least
5 empty positions are present at the start and the end of the
tape to enable tape insertion.
Tensile strength of the tape: > 15 N
NUMBER OF COMPONENTS
A. Panhead: quantity per reel:
TT, top view package, 1190 pcs
TR, side view package, 1120 pcs
B. Heimdall: quantity per reel:
TT, top view package, 2200 pcs
TR, side view package, 2300 pcs
C. Heimdall without lens: quantity per reel:
WTT, top view package, 2200 pcs
WTR, side view package, 2300 pcs
D. Belobog: quantity per reel:
TT1, top view package, 1800 pcs
TT2, top view package, 7000 pcs
E. Belobog with shield: quantity per reel:
TT1, top view package, 1500 pcs
TT2, top view package, 5000 pcs
F. Minimold DF1P: quantity per reel:
DF1P, 1100 pcs
G. TVCastSMD TR1: quantity per reel:
TR1, side view package, 2000 pcs
ORDER DESIGNATION
The type designation of the device is extended by
TT or TT1 for top view or TR for side view.
Example:
TSOP6238TR (reel packing)
TSOP75238TR (reel packing)
TSOP75338WTT (reel packing)
TSOP57438TT1 (reel packing)
TSOP57238HTT1 (reel packing)
TSOP39438TR1 (reel packing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com