Electronic Components Datasheet Search
  English  ▼

X  

TSSP770 Datasheet(PDF) 17 Page - Vishay Siliconix

Part # TSSP770
Description  IR Sensor Module for Reflective Sensor, Light Barrier,and Fast Proximity Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP770 Datasheet(HTML) 17 Page - Vishay Siliconix

Back Button TSSP770 Datasheet HTML 13Page - Vishay Siliconix TSSP770 Datasheet HTML 14Page - Vishay Siliconix TSSP770 Datasheet HTML 15Page - Vishay Siliconix TSSP770 Datasheet HTML 16Page - Vishay Siliconix TSSP770 Datasheet HTML 17Page - Vishay Siliconix TSSP770 Datasheet HTML 18Page - Vishay Siliconix TSSP770 Datasheet HTML 19Page - Vishay Siliconix TSSP770 Datasheet HTML 20Page - Vishay Siliconix TSSP770 Datasheet HTML 21Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
SMD Tape and Reel
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 17-Aug-17
7
Document Number: 80125
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPING VERSION TSOP..TT1, TSOP..TT2 (TOP VIEW) DIMENSIONS in millimeters
E. Belobog with shield (TSOP37...HTT1, TSOP37...HTT2, TSOP57...HTT1, TSOP57...HTT2, TSOP17...HTT1, TSOP17...HTT2,
TSOP97...HTT1, TSOP97...HTT2)
Tape and Reel dimensions:
Reel size "Y"
GS 08 Ø 180 ± 2 = 1500 pcs.
GS 18 Ø 330 ± 2 = 5000 pcs.
Unreel direction
X
Tape position
coming out from reel
Not indicated tolerances ± 0.1
Ø 13 ± 0.2
Ø 21 ± 0.8
Label posted here
18.4 max.
(12.4)
Leader and trailer tape:
Parts mounted
Empty leader 400 mm min.
100 mm min. with cover tape
Direction of pulling out
Empty trailer 200 mm min.
Technical drawings
according to DIN
specifications
X 2 : 1
Reel dimensions and tape
Drawing-No.: 9.700-5380.01-4
Issue: 1; 28.10.13
(8)
(2)
(4)
(Ø 1.5)
(0.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com