Electronic Components Datasheet Search
  English  ▼

X  

HT45F5R Datasheet(PDF) 105 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 101Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 102Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 138 page
background image
Rev. 1.10
104
De�e��e� 1�� �01�
Rev. 1.10
105
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
Battery Charge Module Registers
Theoverallbatterychargefunctioniscontrolledbyseveralregistersandthecorrespondingregister
definitionsaredescribedintheaccompanyingsections.
Register
Name
Bit
7
6
5
4
3
2
1
0
CHRGEN CHGEN7 CHGEN� CHGEN5 CHGEN4 CHGEN� CHGEN� CHGEN1 CHGEN0
DACL
D7
D�
D5
D4
D�
D�
D1
D0
DACH
—
—
—
—
D11
D10
D9
D8
DACC
ENDAC
—
—
—
—
—
—
—
SENSW
—
—
MUXS5
MUXS4
MUXS�
MUXS�
MUXS1
MUXS0
A0VOS
A0FM
A0RSP
A0X
A0OF4
A0OF�
A0OF�
A0OF1
A0OF0
PGDR
—
—
—
—
—
—
—
PGDF
Battery Charge Module Registers list
CHRGEN Register
Bit
7
6
5
4
3
2
1
0
Na�e
CHGEN7 CHGEN� CHGEN5 CHGEN4 CHGEN� CHGEN� CHGEN1 CHGEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
CHGEN7~CHGEN0:MUX,DACandOPA0relatedcontrolregistersmodification
10101010:Therelatedregisterscouldbemodified
Othervalues:Ignoreregistersmodify
Whenthesebitsarechangedtoanyothervaluesexcept10101010,theDACL,DACH,
DACC,SENSWandA0VOSregisterscannotbemodified.
Digital to Analog Converter
Thebatterychargemodulecontainsa12-bitDAC.TheDACisusedtosetareferencecharging
currentorreferencechargingvoltageusingtheDACLandDACHregisters.
D[11:0]
R�R
1�-�it DAC
ENDAC
S0
-
+
OPA1
VDD
PA7/A1P
DAC
Note:1.TheENDAChasaninterlockingrelationshipwithS0
WhenENDAC=0,theDACisdisabledandS0isoff.
WhenENDAC=1,theDACenabledandS0ison.
2.TheOPA1positiveinputvoltagecanbeselectedfromanexternalpinwhichisnamedA1P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com