Electronic Components Datasheet Search
  English  ▼

X  

HT45F5R Datasheet(PDF) 107 Page - Holtek Semiconductor Inc

Part # HT45F5R
Description  Charger ASSP Flash MCU
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F5R Datasheet(HTML) 107 Page - Holtek Semiconductor Inc

Back Button HT45F5R Datasheet HTML 103Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 104Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 105Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 106Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 107Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F5R Datasheet HTML 111Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 138 page
background image
Rev. 1.10
10�
De�e��e� 1�� �01�
Rev. 1.10
107
De�e��e� 1�� �01�
HT45F5R
Charger ASSP Flash MCU
HT45F5R
Charger ASSP Flash MCU
SENSW Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
—
MUXS5
MUXS4
MUXS�
MUXS�
MUXS1
MUXS0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
1
0
1
0
1
Bit7~6
Unimplemented,readas"0"
Bit5~0
MUXS5~MUXS0:MUXchannelselection
010101:CH0(SwitchtoVsensepininput)
101010:CH1(SwitchtoOPA0input)
Othervalues:Keepthecurrentswitchstateunchanged.
Forexample,whentheMUX[5:0]=101010,switchtoCH1,butwhenMUX[5:0]are
changedto111111,switchstate,CH1,isunchanged,tillwhentheMUX[5:0]issetto
010101,switchstatewillbechangedtoCH0.
A0VOS Register
Bit
7
6
5
4
3
2
1
0
Na�e
A0FM
A0RSP
A0X
A0OF4
A0OF�
A0OF�
A0OF1
A0OF0
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7
A0FM:Operationalamplifiermodeoroffsetcalibrationmode
0:Operationalamplifiermode(S1offandS2on)
1:Offsetcalibrationmode(S1onandS2off)
Bit6
A0RSP:Operationalamplifierinputvoltageselectionbit
0:InputvoltagecomesfromIsensepin
1:InputvoltagecomesfrominternalVMreferencevoltage
Bit5
A0X:Operationalamplifieroutput;positivelogic.Thisbitisreadonly.
Bit4~0
A0OF4~A0OF0:Operationalamplifieroffsetcalibrationdatabits
OPA0 Functions
TheOPA0canoperatetogetherwiththeMUX,DACandOPA1asshowninthemainfunctional
blocksoftheBatterychargingcircuit.
TheOPA0providesitsinputvoltageoffsettobeadjustablebyusingcommonmodeinputto
calibratetheoffset.
Thecalibrationstepsareasfollowing:
• SetA0FM=1tosetuptheoffsetcancellationmode,hereS1onandS2off.
• SetA0RSPtoselectwhichinputpinistobeusedasthereferencevoltage–IsensepinorVM.
• AdjustA0OF4~A0OF0untiltheoutputstatuschanges
• SetA0FM=0torestorethenormalcomparatormode.
Note:1.Whencalibration,thedevicecandetecttheOPAoutputstatusbyA0Xbit.
2.VMvoltageis0.1VatVDD=5V.
3.AfterOPA0offsetcalibration,settheA0RSPbitbytheactualapplications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com