Electronic Components Datasheet Search
  English  ▼

X  

HT69F2562 Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 63Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 64Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 65Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 66Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 67Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 68Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 69Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 70Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 194 page
background image
Rev. 1.00
��
�an�a�� ��� �01�
Rev. 1.00
�7
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
• RSTC Register
Bit
7
6
5
4
3
2
1
0
Name
RSTC7
RSTC�
RSTC5
RSTC4
RSTC3
RSTC�
RSTC1
RSTC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
1
0
1
0
1
0
1
Bit7~0
RSTC7~RSTC0:Resetfunctioncontrol
01010101:PB0
10101010:RESpin
Othervalues:ResetMCU
Ifthesebitsarechangedduetoadverseenvironmentalconditions,themicrocontroller
willbereset.Theresetoperationwillbeactivatedafteradelaytime,tSRESET,andthe
RSTFbitintheRSTFCregisterwillbesetto1.
AllresetswillresetthisregistertoPORvalueexcepttheWDTtimeouthardware
warmreset.Notethatiftheregisterissetto10101010toselecttheRESpin,this
configurationhashigherprioritythanotherrelatedpin-sharedcontrols.
• RSTFC Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
RSTF
LVRF
LRF
WRF
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
x
0
0
“x”: �nknown
Bit7~4
Unimplemented,readas“0”
Bit3
RSTF:Resetcontrolregistersoftwareresetflag
0:Notoccurred
1:Occurred
Thisbitissetto1bytheRSTCcontrolregistersoftwareresetandclearedbythe
applicationprogram.Notethatthisbitcanonlybeclearedto0bytheapplication
program.
Bit2
LVRF:LVRfunctionresetflag
Describedelsewhere
Bit1
LRF:LVRcontrolregistersoftwareresetflag
Describedelsewhere
Bit0
WRF:WDTcontrolregistersoftwareresetflag
Describedelsewhere
Low Voltage Reset – LVR
Themicrocontrollercontainsalowvoltageresetcircuitinordertomonitorthesupplyvoltageofthe
device.TheLVRfunctionisalwaysenabledwithaspecificLVRvoltageVLVR.Ifthesupplyvoltage
ofthedevicedropstowithinarangeof0.9V~VLVRsuchasmightoccurwhenchangingthebattery,
theLVRwillautomaticallyresetthedeviceinternallyandtheLVRFbitintheRSTFCregisterwill
alsobesethigh.ForavalidLVRsignal,alowsupplyvoltage,i.e.,avoltageintherangebetween
0.9V~VLVRmustexistforatimegreaterthanthatspecifiedbytLVRintheLVD/LVRElectrical
Characteristics.Ifthelowsupplyvoltagestatedoesnotexceedthisvalue,theLVRwillignorethe
lowsupplyvoltageandwillnotperformaresetfunction.TheactualVLVRvaluecanbeselected
bytheLVS7~LVS0bitsintheLVRCregister.IftheLVS7~LVS0bitsarechangedtosomecertain
valuesbytheenvironmentalnoiseorsoftwaresetting,theLVRwillresetthedeviceafteradelay
time,tSRESET.Whenthishappens,theLRFbitintheRSTFCregisterwillbesethigh.Afterpower
ontheregisterwillhavethevalueof01100110B.NotethattheLVRfunctionwillbeautomatically
disabledwhenthedeviceenterstheIDLE/SLEEPmode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com