Electronic Components Datasheet Search
  English  ▼

X  

HT69F2562 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT69F2562
Description  Ultra-Low Power Flash MCU with LCD & EEPROM
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F2562 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT69F2562 Datasheet HTML 73Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 74Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 75Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 76Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 77Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 78Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 79Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 80Page - Holtek Semiconductor Inc HT69F2562 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 194 page
background image
Rev. 1.00
7�
�an�a�� ��� �01�
Rev. 1.00
77
�an�a�� ��� �01�
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
HT69F2562
Ultra-Low Power Flash MCU with LCD & EEPROM
• PBS1 Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
PBS13
PBS1�
PBS11
PBS10
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
0
0
0
0
Bit7~4
Unimplemented,readas“0”
Bit3~2
PBS13~PBS12:PB5pin-sharedfunctionselection
00/01/10:PB5/INT1
11:CTP1B
Bit1~0
PBS11~PBS10:PB4pin-sharedfunctionselection
00/01/10:PB4/INT0
11:CTP0B
• PCS0 Register
Bit
7
6
5
4
3
2
1
0
Name
PCS07
PCS0�
PCS05
PCS04
PCS03
PCS0�
PCS01
PCS00
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~6
PCS07~PCS06:PC3pin-sharedfunctionselection
00/01/10:PC3
11:SCK/SCL
Bit5~4
PCS05~PCS04:PC2pin-sharedfunctionselection
00/01/10:PC2
11:SDO/TX
Bit3~2
PCS03~PCS02:PC1pin-sharedfunctionselection
00/01/10:PC1
11:SDI/SDA/RX
Bit1~0
PCS01~PCS00:PC0pin-sharedfunctionselection
00/01/10:PC0
11:SCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com