Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU350LE Datasheet(PDF) 49 Page - ATMEL Corporation

Part # PC755CVGU350LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU350LE Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button PC755CVGU350LE Datasheet HTML 42Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 43Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 44Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 45Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 46Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 47Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 48Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 49Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 50Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
49
PC755/745
2138D–HIREL–06/03
Life Support
Applications
These products are not designed for use in life support appliances, devices, or systems
where malfunction of these products can reasonably be expected to result in personal
injury. Atmel customers using or selling these products for use in such applications do
so at their own risk and agree to fully indemnity Atmel for any damages resulting from
such improper use or sale.
Differences with
Commercial Part
Ordering Information
Note:
For availability of different versions, contact your Atmel sales office.
Commercial part
Military part
Temperature range
T
j = 0 to 105°C
T
j = -55°C to 125°C
PC755C
M
ZF
U
300
L
x
Type
Package:
ZF: FC-PBGA
G: CBGA
GS: CI-CGA
GH: HiTCE
Screening Level(1)
U: Upscreening Test
Revision Level(1)
E: Rev. 2.8
Temperature Range: Tj
M: -55 C, +125 C
V: -40 C, +110 C
Bus divider
(to be confirmed)
L: Any valid PLL configuration
Max internal processor speed
300: 300 MHz
350: 350 MHz
366: 366 MHz
400: 400 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com