Electronic Components Datasheet Search
  English  ▼

X  

PC755CVGU350LE Datasheet(PDF) 5 Page - ATMEL Corporation

Part # PC755CVGU350LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVGU350LE Datasheet(HTML) 5 Page - ATMEL Corporation

  PC755CVGU350LE Datasheet HTML 1Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 2Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 3Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 4Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 5Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 6Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 7Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 8Page - ATMEL Corporation PC755CVGU350LE Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
PC755/745
2138D–HIREL–06/03
–
Supports flow through (register-buffer) synchronous burst SRAMs, pipelined
(register-register) synchronous burst SRAMs (3-1-1-1 or strobeless 4-1-1-1)
and pipelined (register-register) late-write synchronous burst SRAMs
–
L2 configurable to direct mapped SRAM interface or split cache/direct
mapped or private memory
–
Core-to-L2 frequency divisors of 1, 1.5, 2, 2.5, and 3 supported
–
64-bit data bus
–
Selectable interface voltages of 2.5V and 3.3V
–
Parity checking on both L2 address and data
•
Memory Management Unit
–
128 entry, 2-way set associative instruction TLB
–
128 entry, 2-way set associative data TLB
–
Hardware reload for TLBs
–
Hardware or optional software tablewalk support
–
8 instruction BATs and 8 data BATs
–
8 SPRGs, for assistance with software tablewalks
–
Virtual memory support for up to 4 hexabytes (2
52) of virtual memory
–
Real memory support for up to 4 gigabytes (2
32) of physical memory
•
Bus Interface
–
Compatible with 60X processor interface
–
32-bit address bus
–
64-bit data bus, 32-bit mode selectable
–
Bus-to-core frequency multipliers of 2x, 3x, 3.5x, 4x, 4.5x, 5x, 5.5x, 6x, 6.5x,
7x, 7.5x, 8x, 10x supported
–
Selectable interface voltages of 2.5V and 3.3V.
–
Parity checking on both address and data busses
•
Power Management
–
Low-power design with thermal requirements very similar to PC740/750.
–
Selectable interface voltage of 1.8V/2.0V can reduce power in output buffers
(compared to 3.3V)
–
Three static power saving modes: doze, nap, and sleep
–
Dynamic power management
•
Testability
–
LSSD scan design
–
IEEE 1149.1 JTAG interface
•
Integrated Thermal Management Assist Unit
–
One-ship thermal sensor and control logic
–
Thermal
Management
Interrupt
for
software
regulation
of
junction
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com