Electronic Components Datasheet Search
  English  ▼

X  

PC755CVZFU366LE Datasheet(PDF) 21 Page - ATMEL Corporation

Part # PC755CVZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVZFU366LE Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button PC755CVZFU366LE Datasheet HTML 17Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 18Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 19Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 20Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 21Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 22Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 23Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 24Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
21
PC755/745
2138D–HIREL–06/03
θ
jc is the junction-to-case thermal resistance
θ
int is the adhesive or interface material thermal resistance
θ
sa is the heat sink base-to-ambient thermal resistance
P
d is the power dissipated by the device
During operation the die-junction temperatures (T
j) should be maintained less than the
value specified in Table 5. The temperature of the air cooling the component greatly
depends upon the ambient inlet air temperature and the air temperature rise within the
electronic cabinet. An electronic cabinet inlet-air temperature (T
a) may range from 30 to
40
°C. The air temperature rise within a cabinet (T
r) may be in the range of 5 to 10°C.
The thermal resistance of the thermal interface material (
θ
int) is typically about 1°C/W.
Assuming a T
a of 30°C, a Tr of 5
oC, a CBGA package
θ
jc = 0.03, and a power consump-
tion (P
d) of 5.0 watts, the following expression for Tj is obtained:
Die-junction temperature: T
j = 30°C + 5°C + (0.03°C/W + 1.0°C/W + θsa) * 5.0 W
For a Thermalloy heat sink #2328B, the heat sink-to-ambient thermal resistance (
θ
sa)
versus airflow velocity is shown in Figure 9.
Figure 9. Thermalloy #2328B Heat Sink-to-Ambient Thermal Resistance Versus Air-
flow Velocity
Assuming an air velocity of 0.5 m/s, we have an effective R
sa of 7°C/W, thus
T
j = 30°C+ 5°C+ (0.03°C/W +1.0°C/W + 7°C/W) * 5.0 W,
resulting in a die-junction temperature of approximately 81
°C which is well within the
maximum operating temperature of the component.
Other heat sinks offered by Chip Coolers, IERC, Thermalloy, Wakefield Engineering,
and Aavid Engineering offer different heat sink-to-ambient thermal resistances, and may
or may not need air flow.
1
3
5
7
8
0
0.5
1
1.5
2
2.5
3
3.5
Thermalloy #2328B Pin±fin Heat Sink
Approach Air Velocity (m/s)
(25 x28 x 15 mm)
2
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com