Electronic Components Datasheet Search
  English  ▼

X  

PC755CVZFU366LE Datasheet(PDF) 36 Page - ATMEL Corporation

Part # PC755CVZFU366LE
Description  PowerPC 755/745 RISC Microprocessor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC755CVZFU366LE Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button PC755CVZFU366LE Datasheet HTML 32Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 33Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 34Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 35Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 36Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 37Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 38Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 39Page - ATMEL Corporation PC755CVZFU366LE Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
36
PC755/745
2138D–HIREL–06/03
The COP header shown in Figure 24 adds many benefits—breakpoints, watchpoints,
register and memory examination/modification and other standard debugger features
are possible through this interface – and can be as inexpensive as an unpopulated foot-
print for a header to be added when needed.
System design information
The COP interface has a standard header for connection to the target system, based on
the 0.025” square-post 0.100” centered header assembly (often called a “Berg” header).
The connector typically has pin 14 removed as a connector key.
Figure 24 shows the COP connector diagram.
Figure 24. COP Connector Diagram
There is no standardized way to number the COP header shown in Figure 24; conse-
quently, many different pin numbers have been observed from emulator vendors. Some
are numbered top-to-bottom then left-to-right, while others use left-to-right then top-to-
bottom, while still others number the pins counter clockwise from pin one (as with an IC).
Regardless of the numbering, the signal placement recommended in Figure 24 is com-
mon to all known emulators.
The QACK signal shown in Table 17 is usually hooked up to the PCI bridge chip in a
system and is an input to the PC755 informing it that it can go into the quiescent state.
Under normal operation this occurs during a low power mode selection. In order for
COP to work the PC755 must see this signal asserted (pulled down). While shown on
the COP header, not all emulator products drive this signal. To preserve correct power
down operation, QACK should be merged so that it also can be driven by the PCI
bridge.
3
13
9
5
1
6
10
2
TOP VIEW
15
11
7
16
12
8
4
KEY
No pin
Pins 10, 12 and 14 are no-connects.
Pin 14 is not physically present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com