Electronic Components Datasheet Search
  English  ▼

X  

S9408P Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # S9408P
Description  Serial Input, Quad 8-Bit Nonvolatile DACPOT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S9408P Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  S9408P Datasheet HTML 1Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 2Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 3Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 4Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 5Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 6Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 7Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 8Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
S9408
2015 2.2 8/2/00
SUMMIT MICROELECTRONICS, Inc.
The analog outputs of the S9408 can be programmed to
any one of 256 individual voltage steps. Each step value
is 1/256th of the voltage differential between VREFH and
VREFL of the respective DAC. Once programmed these
settings can be retained in nonvolatile memory during all
power conditions and will be automatically recalled upon
a power-up sequence. Each DAC can be independently
read without affecting the output voltage during the read
cycle. In addition, each output can be adjusted an unlim-
ited number of times without altering the value stored in
the nonvolatile memory.
DEVICE OPERATION
Analog Section
The S9804 is an 8-bit, voltage output digital-to-analog
converter (DAC). The DAC consists of a resistor network
that converts 8-bit digital inputs into equivalent analog
output voltages in proportion to the applied reference
voltage.
Reference inputs
The voltage differential between the VREFL and VREFH
inputs sets the full-scale output voltage for its respective
DAC. VREFL must be equal to or greater than ground
(positive voltage). VREFH must be greater (more positive)
than VREFL and less than or equal to VDD.
PINOUT and SIGNAL DEFINITION
Pin
Name
Function
1, 2
VREFH
Vreference High:
20, 19
VREFL < VREFH - VDD
3VDD
Power Supply Voltage
4
RDY/BSY# Ready/Busy: open drain output
indicating status of nonvolatile
write operations
5
CLK
Clock Input Pin: used for serial
data communication
6
CS#
Chip Select: When high deselects
the device and places it in a low
power mode
7
DI
Data Input: serial data input pin
8
DO
Data Output: serial data output pin
9
00/REG#
Power On Recall Option Input
10
GND
Power Supply Ground
11, 12
VREFL
Vreference Low:
13, 14
VREFH > VREFL • GND
15, 16
VOUT
DAC Output: buffered D to A
17, 18
converter output
Output Buffer Amplifiers
The voltage outputs are precision unity-gain followers that
slew up to 1V/µs. The outputs can swing from VREFL to
VREFH. With a 0V to 5V output transition the amplifier
outputs typically settle to 1LSB in 40µs.
DIGITAL INTERFACE
The S9408 employs a common 4-wire serial interface. It
is comprised of a Clock (CLK), Chip Select (CS#), Data In
(DI) and Data Out (DO). Data is clocked into the device on
the clock’s rising edge and out of the device on the clock’s
falling edge. Data is shifted in and out MSB first. DO only
becomes active after the device has been selected and
after a valid read command and address has been re-
ceived.
All data transfers are initiated after CS# goes low and a
logic ‘1’ is clocked into the device. This first data transfer
is the start bit and must precede all operations. Following
the start bit are two command bits used to specify which
of four commands to execute. The next two bits are the
address bits used to select one of the four DACs. The
action of the next eight clock cycles will be dependent
upon the command issued.
VREFH1
VREFH0
VDD
RDY/BSY#
CLK
CS#
DI
DO
00/REG#
GND
VREFH2
VREFH3
VOUT0
VOUT1
VOUT2
VOUT3
VREFL3
VREFL2
VREFL1
VREFL0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
2015 T PCon 2.0
20-Pin PDIP
or 20-Pin SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com