Electronic Components Datasheet Search
  English  ▼

X  

S9408P Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # S9408P
Description  Serial Input, Quad 8-Bit Nonvolatile DACPOT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S9408P Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  S9408P Datasheet HTML 1Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 2Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 3Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 4Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 5Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 6Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 7Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 8Page - Summit Microelectronics, Inc. S9408P Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
S9408
3
SUMMIT MICROELECTRONICS, Inc.
2015 2.2 8/2/00
Internally there are four DACs and associated with each
are two registers. There is one data register that is used
by the DAC to hold the digital value it converts. There is
also one nonvolatile register that holds the default value
that can be recalled into the data register during power-
up or by executing the Recall command.
READ
Read operations are initiated by taking CS# low and
clocking in a start bit followed by the read command and
the address of the data register to be read. The next eight
clocks will output on the DO pin the contents of the
selected data register. This read will not affect the contents
of the register or the output of the DAC. Refer to Figure 1
for an illustration of the sequence of bus conditions for a
read operation.
WRITE
Write operations are initiated by taking CS# low and
clocking in a start bit followed by the write command and
the address of the data register to be written. This action
is followed by the host clocking eight bits of data into the
register, MSB first. The output of the selected DAC will
change as the last bit is clocked into the device. At this
point the clock counter will reset the command register,
requiring a full sequence to be initiated in order to write to
the DAC again.
NOTE: This write operation does not affect the
contents of the nonvolatile register. Therefore, the
nonvolatile register can contain the power-on default
settings (e.g. volume), and the write DAC command
can be used to make situational adjustments.
Refer to Figure 2 for an illustration of the sequence of bus
conditions for a write operation.
FIGURE 1. READ SEQUENCE
TABLE 1. COMMAND FORMAT
t
r
a
t
SC
1
C
0
A
1
A
0
d
n
a
m
m
o
C
10
0
A
A
e
l
b
a
n
E
e
t
i
r
W
V
N
10
1
A
A
n
I
a
t
a
D
—
e
t
i
r
W
11
0
A
A
t
u
O
a
t
a
D
—
d
a
e
R
111
A
A
ll
a
c
e
R
S
T
A
R
T
CA
CA
11
0
0
CLK
DI
DO
Hi Z
DD
10
3
4
5
6
72
DDDDDD
Hi Z
2015 T fig01 2.0
RDY/BSY#
CS#
(Pulled up to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com