Electronic Components Datasheet Search
  English  ▼

X  

SC6579 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC6579
Description  RADIO DATA SYSTEM (RDS) DEMODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6579 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC6579 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silan
Semiconductors
SC6579
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.12.30
1
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SC6579
QUAL
RDDA
Vref
MUX
VDDA
VSSA
CIN
SCOUT
RDCL
T57
VDDD
OSCI
VSSD
TEST
MODE
OSCO
DIP-16
SOP-16
RADIO DATA SYSTEM (RDS)
DEMODULATOR
DESCRIPTION
The integrated CMOS circuit SC6579 is an RDS demodulator. It
recovers the additional inaudible RDS information which is
transmitted by FM radio broadcasting.
The data signal RDDA and the clock signal RDCL are provided
as
outputs
for
further
processing
by
a
suitable
decoder
(microcomputer).
FEATURES
• Anti-aliasing filter (2nd order)
• Integrated 57 kHz band-pass filter (8th order)
• Reconstruction filter (2nd order)
• Clocked comparator with automatic offset compensation
• 57 kHz carrier regeneration
• Synchronous demodulator for 57 kHz modulated RDS signals
• Selectable 4.332/8.664 MHz crystal oscillator with variable
dividers
• Clock regeneration with lock on bi-phase data rate
• Bi-phase symbol decoder with integrate and dump functions
• Differential decoder
• Signal quality detector
• Subcarrier output.
ORDERING INFORMATION
Device
Package
SC6579
DIP16-300-2.54
SC6579S
SOP-16-225-1.27


Similar Part No. - SC6579

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC657 SEMTECH-SC657 Datasheet
567Kb / 22P
Backlight Driver for 5 LEDs with SemPulseTM Interface
SC657EVB SEMTECH-SC657EVB Datasheet
567Kb / 22P
Backlight Driver for 5 LEDs with SemPulseTM Interface
SC657ULTRT SEMTECH-SC657ULTRT Datasheet
567Kb / 22P
Backlight Driver for 5 LEDs with SemPulseTM Interface
More results

Similar Description - SC6579

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2539 NEC-UPC2539 Datasheet
65Kb / 8P
RDS DATA DEMODULATOR IC
logo
NXP Semiconductors
SAA6579 PHILIPS-SAA6579 Datasheet
116Kb / 16P
Radio Data System RDS demodulator
1997 Feb 24
SAA6581T PHILIPS-SAA6581T Datasheet
75Kb / 16P
RDS/RBDS demodulator
2001 May 07
logo
Samsung semiconductor
S1A0905 SAMSUNG-S1A0905 Datasheet
54Kb / 6P
RDS DEMODULATOR IC
logo
Sanyo Semicon Device
STK311-110 SANYO-STK311-110 Datasheet
149Kb / 5P
RDS Demodulator
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
RDS Demodulator
LA2231 SANYO-LA2231 Datasheet
259Kb / 6P
RDS Signal Demodulator
logo
Princeton Technology Co...
PT2579 PTC-PT2579 Datasheet
158Kb / 4P
RDS Demodulator IC
PT2579 PTC-PT2579_10 Datasheet
477Kb / 21P
RDS Demodulator IC
logo
NXP Semiconductors
SAA6581HN NXP-SAA6581HN Datasheet
81Kb / 15P
RDS/RBDS demodulator
2003 Oct 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com