Electronic Components Datasheet Search
  English  ▼

X  

SC6579 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC6579
Description  RADIO DATA SYSTEM (RDS) DEMODULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC6579 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC6579 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC6579 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Silan
Semiconductors
SC6579
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.12.30
5
PIN DESCRIPTION
Pin no.
Symbol
Function
1
QUAL
Quality indication output
2
RDDA
RDS data output
3
Vref
Reference voltage output (0.5 VDDA )
4
MUX
Multiplex signal input
5
VDDA
+5 V supply voltage for analog part
6
VSSA
Ground for analog part (0V)
7
CIN
Subcarrier input to comparator
8
SCOUT
Subcarrier output of reconstruction filter
9
MODE
Oscillator mode/test control input
10
TEST
Test enable input
11
VSSD
Ground for digital part (0V)
12
VDDD
+5 V supply voltage for digital part
13
OSCI
Oscillator input
14
OSCO
Oscillator output
15
T57
57 kHz clock signal output
16
RDCL
RDS clock output
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VDDA
Analog Supply Voltage (pin 5)
3.6
5.0
5.5
V
VDDD
Digital Supply Voltage (pin 12)
3.6
5.0
5.5
V
Itot
Total Supply Current
--
6
--
mA
Vi(rms)
RDS Input Amplitude (RMS value; pin 4)
1
--
--
mV
VOH
HIGH-level Output Voltage for Signals
RDDA, RDCL, QUAL and T57
4.4
--
--
V
VOL
LOW-level Output Voltage for Signals
RDDA, RDCL, QUAL and T57
--
--
0.4
V
Tamb
Operating Ambient Temperature
-40
--
+85
°C
FUNCTION DESCRIPTION
The SC6579 is a demodulator circuit for RDS applications. It contains a 57 kHz bandpass filter and a digital
demodulator to regenerate the RDS data stream out of the multiplex signal (MPX).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com