Electronic Components Datasheet Search
  English  ▼

X  

ADC082S021 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC082S021
Description  2 Channel, 200 KSPS, 8-Bit A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082S021 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADC082S021 Datasheet HTML 11Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 12Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 13Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 14Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 15Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 16Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 17Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 18Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Applications Information (Continued)
3.0 ADC082S021 TRANSFER FUNCTION
The output format of the ADC082S021 is straight binary. Code transitions occur midway between successive integer LSB values.
The LSB width for the ADC082S021 is V
A/256. The ideal transfer characteristic is shown in Figure 3. The transition from an output
code of 0000 0000 to a code of 0000 0001 is at 1/2 LSB, or a voltage of V
A/512. Other code transitions occur at steps of one LSB.
4.0 TYPICAL APPLICATION CIRCUIT
A typical application of the ADC082S021 is shown in Figure
4. Power is provided in this example by the National Semi-
conductor LP2950 low-dropout voltage regulator, available in
a variety of fixed and adjustable output voltages. The power
supply pin is bypassed with a capacitor network located
close to the ADC082S021. Because the reference for the
ADC082S021 is the supply voltage, any noise on the supply
will degrade device noise performance. To keep noise off the
supply, use a dedicated linear regulator for this device, or
provide sufficient decoupling from other circuitry to keep
noise off the ADC082S021 supply pin. Because of the
ADC082S021’s low power requirements, it is also possible to
use a precision reference as a power supply to maximize
performance. The four-wire interface is also shown con-
nected to a microprocessor or DSP.
20124811
FIGURE 3. Ideal Transfer Characteristic
20124813
FIGURE 4. Typical Application Circuit
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com