Electronic Components Datasheet Search
  English  ▼

X  

ADC082S021 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC082S021
Description  2 Channel, 200 KSPS, 8-Bit A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC082S021 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button ADC082S021 Datasheet HTML 11Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 12Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 13Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 14Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 15Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 16Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 17Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 18Page - National Semiconductor (TI) ADC082S021 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Applications Information
1.0 ADC082S021 OPERATION
The ADC082S021 is a successive-approximation analog-to-
digital converter designed around a charge-redistribution
digital-to-analog converter. Simplified schematics of the
ADC082S021 in both track and hold modes are shown in
Figures 1, 2, respectively. In Figure 1, the ADC082S021 is in
track mode: switch SW1 connects the sampling capacitor to
one of two analog input channels through the multiplexer,
and
SW2
balances
the
comparator
inputs.
The
ADC082S021 is in this state for the first three SCLK cycles
after CS is brought low.
Figure 2 shows the ADC082S021 in hold mode: switch SW1
connects the sampling capacitor to ground, maintaining the
sampled voltage, and switch SW2 unbalances the compara-
tor. The control logic then instructs the charge-redistribution
DAC to add fixed amounts of charge to the sampling capaci-
tor until the comparator is balanced. When the comparator is
balanced, the digital word supplied to the DAC is the digital
representation
of
the
analog
input
voltage.
The
ADC082S021 is in this state for the fourth through sixteenth
SCLK cycles after CS is brought low.
The time when CS is low is considered a serial frame. Each
of these frames should contain an integer multiple of 16
SCLK cycles, during which time a conversion is performed
and clocked out at the DOUT pin and data is clocked into the
DIN pin to indicate the multiplexer address for the next
conversion.
2.0 USING THE ADC082S021
An ADC082S021 timing diagram and a serial interface timing
diagram for the ADC082S021 are shown in the Timing Dia-
grams section. CS is chip select, which initiates conversions
and frames the serial data transfers. SCLK (serial clock)
controls both the conversion process and the timing of serial
data. DOUT is the serial data output pin, where a conversion
result is sent as a serial data stream, MSB first. Data to be
written to the ADC082S021’s Control Register is placed on
DIN, the serial data input pin. New data is written to DIN with
each conversion.
A serial frame is initiated on the falling edge of CS and ends
on the rising edge of CS. Each frame must contain an integer
multiple of 16 rising SCLK edges. The ADC output data
(DOUT) is in a high impedance state when CS is high and is
active when CS is low. Thus, CS acts as an output enable.
Additionally, the device goes into a power down state when
CS is high and also between continuous conversion cycles.
During the first 3 cycles of SCLK, the ADC is in the track
mode, acquiring the input voltage. For the next 13 SCLK
cycles the conversion is accomplished and the data is
clocked out, MSB first, starting with the 5th clock. If there is
more than one conversion in a frame, the ADC will re-enter
the track mode on the falling edge of SCLK after the N*16th
rising edge of SCLK, and re-enter the hold/convert mode on
the N*16+4th falling edge of SCLK, where "N" is an integer.
When CS is brought high, SCLK is internally gated off. If
SCLK is stopped in the low state while CS is high, the
subsequent fall of CS will generate a falling edge of the
internal version of SCLK, putting the ADC into the track
mode. This is seen by the ADC as the first falling edge of
SCLK. If SCLK is stopped with SCLK high, the ADC enters
the track mode on the first falling edge of SCLK after the
falling edge of CS.
During each conversion, data is clocked into the DIN pin on
the first 8 rising edges of SCLK after the fall of CS. For each
20124809
FIGURE 1. ADC082S021 in Track Mode
20124810
FIGURE 2. ADC082S021 in Hold Mode
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com