Electronic Components Datasheet Search
  English  ▼

X  

MA800RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA800RU
Description  4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA800RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA800RU Datasheet HTML 1Page - MicroPower Direct, LLC MA800RU Datasheet HTML 2Page - MicroPower Direct, LLC MA800RU Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.micropowerdirect.com
Page 2
We Power Your Success - For Less
Model Selection Guide
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is specified for a load change of 0% to 100%. Load regulation for 3.3V
output models is ±1.0% max for a load change of 0% to 100%.
3. When measuring cross regulation, the load on one output is varied from 25% to 100%
while the other output is held at 100%.
4. Output ripple is measured with a 1.0 µF capacitor connected from the +VOUT to the -VOUT pins
for single output units and from each output to common for dual output models. See the typical
connection diagram & notes on page 3.
5. Transient recovery is measured to within a 1% error band for a load step change of 75% to 50%
to 25%.
6. Operation at no-load will not damage these units. However, they may not meet all
specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Temperature Derating Curve
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA824S-03RU
24
9.0 - 36.0
345
10
3.3
2,000
0.0
3.9
1,330
80
2,000
MA824S-05RU
24
9.0 - 36.0
380
10
5.0
1,500
0.0
6.2
1,330
83
2,000
MA824S-12RU
24
9.0 - 36.0
385
15
12.0
665
0.0
15.0
288
87
2,000
MA824S-15RU
24
9.0 - 36.0
385
15
15.0
535
0.0
18.0
200
87
2,000
MA824D-05RU
24
9.0 - 36.0
400
10
±5.0
±800
±0.0
±15.0
900
86
2,000
MA824D-12RU
24
9.0 - 36.0
390
15
±12.0
±335
±0.0
±15.0
133
86
2,000
MA824D-15RU
24
9.0 - 36.0
385
15
±15.0
±265
±0.0
±18.0
90
87
2,000
MA848S-03RU
48
18.0 - 75.0
170
10
3.3
2,000
0.0
3.9
1,330
80
1,000
MA848S-05RU
48
18.0 - 75.0
185
10
5.0
1,500
0.0
6.2
1,330
84
1,000
MA848S-12RU
48
18.0 - 75.0
190
10
12.0
665
0.0
15.0
288
87
1,000
MA848S-15RU
48
18.0 - 75.0
190
10
15.0
535
0.0
18.0
200
87
1,000
MA848D-05RU
48
18.0 - 75.0
200
10
±5.0
±800
±0.0
±15.0
900
84
1,000
MA848D-12RU
48
18.0 - 75.0
190
10
±12.0
±335
±0.0
±15.0
133
87
1,000
MA848D-15RU
48
18.0 - 75.0
190
10
±15.0
±265
±0.0
±18.0
90
87
1,000
Typical Connection
EMI Characteristics
Parameter
Standard
Criteria/Level
Radiated Emissions
EN 55032
Class A
Conducted Emissions
EN 55032
Class A
ESD
EN 61000-4-2
A
RS
EN 61000-4-3
A
EFT
EN 61000-4-4
A
Surge
EN 61000-4-5
A
CS
EN 61000-4-6
A
PFM
EN 61000-4-8
A
To help meet conducted emissions requirements, the filter components (C2, C3 & L1) in the
diagram above should be used. The recommended values are 2.2 µF/100V for C2 & C3 and
12 µH for L1. These components should be mounted as close to the module as possible.
To meet the requirements of EN 61000-4-4 & EN 61000-4-5, an external filter capacitor
(C1 in the diagram above) is required. The recommended value for C1 is 330 µF/100V.
When measuring output ripple, it is recommended that an external 1.0 µF ceramic capaci-
tor be placed from the +VOUT pin to the -VOUT pin for single output units and from each
output to common for dual output units. For noise sensitive applications, the use of 3.3 µF
capacitors will reduce the output ripple.
The Remote On/Off circuit is referenced to the minus input of the unit (pins 2 & 3). If the
On/Off input (pin 1) is connected to the minus input, the unit is shut off. If pin 1 is left
open, the unit operates normally.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com