Electronic Components Datasheet Search
  English  ▼

X  

MA800RU Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MA800RU
Description  4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA800RU Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MA800RU Datasheet HTML 1Page - MicroPower Direct, LLC MA800RU Datasheet HTML 2Page - MicroPower Direct, LLC MA800RU Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2-VIN
-VIN
3-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22
+VIN
+VIN
23
+VIN
+VIN
NC: No Connection
Pin Connections
Efficiency vs Output Load: 48 VIN Models
Efficiency vs Output Load: 24 VIN Models
MPD offers a wide range of DC/DC converters in the
standard 24 pin DIP package. Models range from 1W to
15W and offer wide input ranges, high isolation & tight
regulation. Many are approved to EN 60950. For full in-
formation, go to our website or contact the factory.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com