Electronic Components Datasheet Search
  English  ▼

X  

MA1200RW Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MA1200RW
Description  2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA1200RW Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MA1200RW Datasheet HTML 1Page - MicroPower Direct, LLC MA1200RW Datasheet HTML 2Page - MicroPower Direct, LLC MA1200RW Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.micropowerdirect.com
Page 2
We Power Your Success - For Less
Model Selection Guide
Efficiency vs Output Load: 12 VIN Models
Notes:
1. The specified maximum capacitive load is for each output.
2. Load regulation is specified for a load change of 0% to 100%. Load regulation for 3.3V output models is ±1.0% max for a load
change of 0% to 100%.
3. When measuring cross regulation, the load on one output is varied from 25% to 100% while the other output is held at 100%.
4. Output ripple is measured with a 1.0 µF capacitor connected from the +VOUT to the -VOUT pins for single output units and from each output
to common for dual output models. See the typical connection diagram & notes on page 3.
5. Transient recovery is measured to within a 1% error band for a load step change of 75% to 50% to 25%.
6. Operation at no-load will not damage these units. However, they may not meet all specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the table above for the correct rating.
Temperature Derating Curve
Efficiency vs Output Load: 48 VIN Models
Efficiency vs Output Load: 24 VIN Models
MPD offers a wide range of DC/DC convert-
ers in the standard 24 pin DIP package. Mod-
els range from 1W to 15W and offer wide input
ranges, high isolation & tight regulation. Many
are approved to EN 60950. For full information,
go to our website or contact the factory.
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MA1212S-02RW
12
9.0 - 18.0
889
10
2.5
3,500
0.0
3.9
2,000
85
2,500
MA1212S-03RW
12
9.0 - 18.0
1,146
10
3.3
3,500
0.0
3.9
2,000
87
2,500
MA1212S-05RW
12
9.0 - 18.0
1,163
10
5.0
2,400
0.0
6.2
2,000
89
2,500
MA1212S-12RW
12
9.0 - 18.0
1,149
10
12.0
1,000
0.0
15.0
430
90
2,500
MA1212S-15RW
12
9.0 - 18.0
1,149
10
15.0
800
0.0
18.0
300
90
2,500
MA1212D-12RW
12
9.0 - 18.0
1,149
10
±12.0
±500
±0.0
±15.0
200
90
2,500
MA1212D-15RW
12
9.0 - 18.0
1,136
10
±15.0
±400
±0.0
±18.0
120
91
2,500
MA1224S-02RW
24
18.0 - 36.0
445
10
2.5
3,500
0.0
3.9
2,000
85
1,200
MA1224S-03RW
24
18.0 - 36.0
573
10
3.3
3,500
0.0
3.9
2,000
87
1,200
MA1224S-05RW
24
18.0 - 36.0
581
10
5.0
2,400
0.0
6.2
2,000
89
1,200
MA1224S-12RW
24
18.0 - 36.0
575
10
12.0
1,000
0.0
15.0
430
90
1,200
MA1224S-15RW
24
18.0 - 36.0
575
10
15.0
800
0.0
18.0
300
90
1,200
MA1224D-12RW
24
18.0 - 36.0
575
10
±12.0
±500
±0.0
±15.0
200
90
1,200
MA1224D-15RW
24
18.0 - 36.0
562
10
±15.0
±400
±0.0
±18.0
120
91
1,200
MA1248S-02RW
48
36.0 - 75.0
225
10
2.5
3,500
0.0
3.9
2,000
84
750
MA1248S-03RW
48
36.0 - 75.0
283
10
3.3
3,500
0.0
3.9
2,000
88
750
MA1248S-05RW
48
36.0 - 75.0
291
10
5.0
2,400
0.0
6.2
2,000
89
750
MA1248S-12RW
48
36.0 - 75.0
294
10
12.0
1,000
0.0
15.0
430
88
750
MA1248S-15RW
48
36.0 - 75.0
291
10
15.0
800
0.0
18.0
300
89
750
MA1248D-12RW
48
36.0 - 75.0
294
10
±12.0
±500
±0.0
±15.0
200
88
750
MA1248D-15RW
48
36.0 - 75.0
291
10
±15.0
±400
±0.0
±18.0
120
89
750



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com