Electronic Components Datasheet Search
  English  ▼

X  

MA1200RW Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MA1200RW
Description  2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MA1200RW Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MA1200RW Datasheet HTML 1Page - MicroPower Direct, LLC MA1200RW Datasheet HTML 2Page - MicroPower Direct, LLC MA1200RW Datasheet HTML 3Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
Mechanical Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2-VIN
-VIN
3-VIN
-VIN
9
No Pin
Common
11
NC
-VOUT
14
+VOUT
+VOUT
16
-VOUT
Common
22
+VIN
+VIN
23
+VIN
+VIN
NC: No Connection
Pin Connections
Typical Connection
EMI Characteristics
Parameter
Standard
Criteria/Level
Radiated Emissions
EN 55032
Class A
Conducted Emissions
EN 55032
Class A
ESD
EN 61000-4-2
B
RS
EN 61000-4-3
A
EFT
EN 61000-4-4
A
Surge
EN 61000-4-5
A
CS
EN 61000-4-6
A
PFM
EN 61000-4-8
A
To help meet conducted emissions requirements, the filter components
(C2, & L1) in the diagram above should be used. The recommended
values are 100 µF/100V for C2 and 12 µH for L1. These components
should be mounted as close to the module as possible. To meet the
requirements of EN 61000-4-5, an external filter capacitor (C1 in the dia-
gram above) is required. The recommended value for C1 is 330 µF/100V.
When measuring output ripple, it is recommended that an external 1.0
µF ceramic capacitor be placed from the +VOUT pin to the -VOUT pin for
single output units and from each output to common for dual output
units. For noise sensitive applications, the use of 3.3 µF capacitors will
reduce the output ripple.
The Remote On/Off circuit is referenced to the minus input of the unit
(pins 2 & 3). If the On/Off input (pin 1) is connected to the minus input,
the unit is shut off. If pin 1 is left open, the unit operates normally.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com