Electronic Components Datasheet Search
  English  ▼

X  

MD605S-09RWi Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MD605S-09RWi
Description  2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD605S-09RWi Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MD605S-09RWi Datasheet HTML 1Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 2Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 3Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Efficiency
(%, Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MD605S-03RWI
5
4.5 - 9.0
1,144
105
3.3
1,300
0.0
75
6,600
3,000
MD605S-05RWI
5
4.5 - 9.0
1,519
105
5.0
1,200
0.0
79
3,300
3,000
MD605S-09RWi
5
4.5 - 9.0
1,445
105
9.0
666
0.0
83
2,000
3,000
MD605S-12RWI
5
4.5 - 9.0
1,428
105
12.0
500
0.0
84
1,600
3,000
MD605S-15RWI
5
4.5 - 9.0
1,428
105
15.0
400
0.0
84
1,400
3,000
MD605S-24RWI
5
4.5 - 9.0
1,428
105
24.0
250
0.0
84
680
3,000
MD605D-05RWI
5
4.5 - 9.0
1,481
105
±5.0
±600
0.0
81
±2,000
3,000
MD605D-12RWI
5
4.5 - 9.0
1,428
105
±12.0
±250
0.0
84
±900
3,000
MD605D-15RWI
5
4.5 - 9.0
1,428
105
±15.0
±200
0.0
84
±660
3,000
MD612S-03RWI
12
9.0 - 18.0
470
55
3.3
1,300
0.0
76
6,600
1,250
MD612S-05RWI
12
9.0 - 18.0
602
55
5.0
1,200
0.0
83
3,300
1,250
MD612S-09RWI
12
9.0 - 18.0
595
55
9.0
666
0.0
84
2,000
1,250
MD612S-12RWI
12
9.0 - 18.0
588
55
12.0
500
0.0
85
1,600
1,250
MD612S-15RWI
12
9.0 - 18.0
588
55
15.0
400
0.0
85
1,400
1,250
MD612S-24RWI
12
9.0 - 18.0
581
55
24.0
250
0.0
86
680
1,250
MD612D-05RWI
12
9.0 - 18.0
609
55
±5.0
±600
0.0
82
±2,000
1,250
MD612D-12RWI
12
9.0 - 18.0
595
55
±12.0
±250
0.0
84
±900
1,250
MD612D-15RWI
12
9.0 - 18.0
581
55
±15.0
±200
0.0
86
±660
1,250
MD624S-03RWI
24
18.0 - 36.0
229
30
3.3
1,300
0.0
78
6,600
750
MD624S-05RWI
24
18.0 - 36.0
301
30
5.0
1,200
0.0
83
3,300
750
MD624S-09RWI
24
18.0 - 36.0
294
30
9.0
666
0.0
85
2,000
750
MD624S-12RWI
24
18.0 - 36.0
294
30
12.0
500
0.0
85
1,600
750
MD624S-15RWI
24
18.0 - 36.0
287
30
15.0
400
0.0
87
1,400
750
MD624S-24RWI
24
18.0 - 36.0
287
30
24.0
250
0.0
87
680
750
MD624D-05RWI
24
18.0 - 36.0
304
30
±5.0
±600
0.0
82
±2,000
750
MD624D-12RWI
24
18.0 - 36.0
297
30
±12.0
±250
0.0
84
±900
750
MD624D-15RWI
24
18.0 - 36.0
297
30
±15.0
±200
0.0
84
±660
750
MD648S-03RWI
48
36.0 - 75.0
117
15
3.3
1,300
0.0
76
6,600
300
MD648S-05RWI
48
36.0 - 75.0
156
15
5.0
1,200
0.0
80
3,300
300
MD648S-09RWI
48
36.0 - 75.0
147
15
9.0
666
0.0
85
2,000
300
MD648S-12RWI
48
36.0 - 75.0
149
15
12.0
500
0.0
84
1,600
300
MD648S-15RWI
48
36.0 - 75.0
145
15
15.0
400
0.0
86
1,400
300
MD648S-24RWI
48
36.0 - 75.0
148
15
24.0
250
0.0
84
680
300
MD648D-05RWI
48
36.0 - 75.0
152
15
±5.0
±600
0.0
82
±2,000
300
MD648D-12RWI
48
36.0 - 75.0
147
15
±12.0
±250
0.0
85
±900
300
MD648D-15RWI
48
36.0 - 75.0
147
15
±15.0
±200
0.0
85
±660
300
Derating Curve
Notes:
1. Start up time is specified at nominal input and with a constant resistive
load.
2. Cross regulation is measured by monitoring one output set at 100% load
while varying the second output from 25% to 100% load.
3. When measuring output ripple & noise, it is recommended that an external
ceramic capacitor (0.1 µF typ.) be placed from the +VOUT to the -VOUT pins for
single output units and from each output to common for dual output models.
4. Transient recovery is measured to within a 1% error band for a load step
change of 25%.
5. Free air convection is typically 30 - 65 LFM. THe units should not be operated
in still air (0 LFM).
6. Exceeding the absollute ratings could damage the unit.
7. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
For Remote Control option, add suffix “R” to
model number (i.e. MD624S-05RWI-R)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com