Electronic Components Datasheet Search
  English  ▼

X  

MD605S-09RWi Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MD605S-09RWi
Description  2:1 Input, SIP, High Isolation, 6W DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MD605S-09RWi Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MD605S-09RWi Datasheet HTML 1Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 2Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 3Page - MicroPower Direct, LLC MD605S-09RWi Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.5)
• Pin 1 is marked by a “dot” or indentation on the top of the unit
Mechanical Dimensions
Standard Model
Remote Control Model
Pin
Single Output
Pin
Single Output
1-VIN
1-VIN
2+VIN
2+VIN
3
No Pin
3
Remote On/Off
5
No Pin
5
No Connection
6+VOUT
6+VOUT
7-VOUT
7-VOUT
8
No Connection
8
No Connection
Pin
Dual Output
Pin
Dual Output
1-VIN
1-VIN
2+VIN
2+VIN
3
No Connection
3
Remote On/Off
5
No Connection
5
No Connection
6+VOUT
6+VOUT
7
Common
7
Common
8-VOUT
8-VOUT
Pin Connections
Remote ON/OFF Control
The MD600x-xxRWI is available with an optional remote control input. This input (pin 3) is
current controlled. The unit operates when this input is open. When the input is “high” (cur-
rent is flowing into the pin), the converter shuts down. The input current to this pin should be
kept between 2 mA to 4 mA.
The diagram at right shows a simple connection for the control pin.
To order units with the control input, add a “-R” to the model number (i.e. MD605D-12RWI-R).
Remote On/Off
Parameter
Min.
Typ.
Max.
Units
Supply On
Open or High Impedance
Supply Off
2
4
mA
Standby Input Current
2.5
mA
For Remote Control option, add suffix “R” to
model number (i.e. MD624S-05RWI-R)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com