Electronic Components Datasheet Search
  English  ▼

X  

MF3000TERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MF3000TERU
Description  Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MF3000TERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MF3000TERU Datasheet HTML 1Page - MicroPower Direct, LLC MF3000TERU Datasheet HTML 2Page - MicroPower Direct, LLC MF3000TERU Datasheet HTML 3Page - MicroPower Direct, LLC MF3000TERU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model Selection Guide
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
1. Cross regulation is measured with output V1 and one auxiliary output
at 100% load.The second auxiliary output is varied from 25% to 100%
load.
2. When measuring output ripple, it is recommended that an external
ceramic capacitor (approx 4.7 - 10 µF) be placed from each output to
common.
3. Transient recovery is measured to within a 1% error band for a load step
change of 25%.
4. Short circuit protection is provided by a “hiccup mode” circuit.
5. If the on/off pin is left open, the unit operates. If it is grounded, the unit
will shut off. THe control circuit is referenced to the minus (-) input.
6. These units should not be operated with a load under 10% of full load.
Operation at no-load will not damage the unit, but they may not meet
all specifications.
7. These units should not be operated over +85°C. Exceeding +85°C may
damage the unit.
8. It is recommended that a fuse be used on the input of a power supply
for protection. It is recommended that a slow blow fuse rated at 6,000
mA be used with the 24V input models and a 3,000 ma fuse be used
with 48V input models.
Model
Number
Input
Output 1
Outputs 2/3
Efficiency
(%, Typ)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Voltage
(VDC)
Current
(mA,
Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MF3024T-0312ERU(-H)
24
9.0 - 36.0
1,302
30
3.3
3,500
175
±12.0
±625
±31
85
MF3024T-0315ERU(-H)
24
9.0 - 36.0
1,286
30
3.3
3,500
175
±15.0
±500
±25
86
MF3024T-0512ERU(-H)
24
9.0 - 36.0
1,420
30
5.0
3,000
150
±12.0
±625
±31
88
MF3024T-0515ERU(-H)
24
9.0 - 36.0
1,420
30
5.0
3,000
150
±15.0
±500
±25
88
MF3048T-0312ERU(-H)
48
18.0 - 75.0
651
30
3.3
3,500
175
±12.0
±625
±31
85
MF3048T-0315ERU(-H)
48
18.0 - 75.0
651
30
3.3
3,500
175
±15.0
±500
±25
85
MF3048T-0512ERU(-H)
48
18.0 - 75.0
710
30
5.0
3,000
150
±12.0
±625
±31
88
MF3048T-0515ERU(-H)
48
18.0 - 75.0
718
30
5.0
3,000
150
±15.0
±500
±25
87
Efficiency vs Output Voltage
Derating Curve, Without Heatsink
For the heatsink option, add suffix “H” to the
model number (i.e. MF3024T-0512ERU-H)
Efficiency vs Input Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com