Electronic Components Datasheet Search
  English  ▼

X  

MF3000TERU Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MF3000TERU
Description  Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MF3000TERU Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MF3000TERU Datasheet HTML 1Page - MicroPower Direct, LLC MF3000TERU Datasheet HTML 2Page - MicroPower Direct, LLC MF3000TERU Datasheet HTML 3Page - MicroPower Direct, LLC MF3000TERU Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
•
TEL: (781) 344-8226
•
FAX: (781) 344-8481
•
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
• All dimensions are typical in inches (mm)
• Tolerance x.xx = ±0.02 (±0.50)
www.micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions
Mechanical Dimensions: With Optional Heatsink
Pin
Function
1+VIN
2-VIN
4
Remote On/Off
5+VOUT2
6+VOUT1
7
Common
8-VOUT2
Pin Connections
For the heatsink option, add suffix “H” to the
model number (i.e. MF3048T-0512ERU-H)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com