Electronic Components Datasheet Search
  English  ▼

X  

MPV4060S Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPV4060S
Description  Compact, 6:1 Input PV Power 40W DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV4060S Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPV4060S Datasheet HTML 1Page - MicroPower Direct, LLC MPV4060S Datasheet HTML 2Page - MicroPower Direct, LLC MPV4060S Datasheet HTML 3Page - MicroPower Direct, LLC MPV4060S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Efficiency
(%, Typ)
Over
Voltage
Protection
(VDC Typ)
Capacitive
Load
(µF, Max)
Fuse
Rating
Slow-Blow
(mA)
Voltage (VDC)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min
)
Nominal
Range
MPV4060S-12RHI
600
200 - 1200
12.0
3,333
33.3
83
15.0
1,200
3,150
MPV4060S-15RHI
600
200 - 1200
15.0
2,670
26.7
84
19.0
1,000
3,150
MPV4060S-24RHI
600
200 - 1200
24.0
1,670
16.7
84
28.0
680
3,150
Derating Curve, Output Power vs Temperature
Notes:
1. To meet the specified ripple and noise levels, external capacitors are required. See the typical connection information on page three for recommended values. For more information, please
contact the factory.
2. All units will meet EN 55022 (CE/RE) class A with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
3. All units will meet EN 61000-4-4 (±4 kV) with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
4. All units will meet the requirements of EN 61000-4-5 (±2 kV), with the input circuit shown in the “Typical Connection 2” diagram on page 3. Contact the factory for more information.
5. Lead temperature is measured 1.5 mm from the case.
6. Operation at no load will not damage the units, however, they may not meet all specifications.
7. It is recommended that a fuse be used on the input of a power supply for protection. For the MPV4060-xxRHI series, a 3.15A slow blow should be used.
Model Selection Guide
Efficiency vs Output Power (VIN= 600 VDC)
Efficiency vs Input Voltage (Full Load)
Derating Curve, Output Power vs Input Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com