Electronic Components Datasheet Search
  English  ▼

X  

MPV4060S Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPV4060S
Description  Compact, 6:1 Input PV Power 40W DC/DC Con vert ers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPV4060S Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPV4060S Datasheet HTML 1Page - MicroPower Direct, LLC MPV4060S Datasheet HTML 2Page - MicroPower Direct, LLC MPV4060S Datasheet HTML 3Page - MicroPower Direct, LLC MPV4060S Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Key Features:
• 40W Output Power
• 200 - 1200 VDC Input Range
• 4,000 VDC Isolation
• Input Under Volt Protection
• Output Over Volt Protection
• Compact Case
• -25°C to +70°C Operation
• >300 kHours MTBF
MPV4060
Compact, 6:1 Input
PV Power 40W
DC/DC Converters
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
200
600
1,200
VDC
Input Start Voltage
185
195
VDC
Under Voltage Shutdown
175
185
VDC
Input Current
200 VDC Input
320
mA
600 VDC Input
100
1200 VDC Input
55
Inrush Current
600 VDC Input
60
A
Start-Up Time
500
mS
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±2.0
%
Line Regulation
VIN = MIN to MAX
±0.5
±1.0
%
Load Regulation
IOUT = 5% to 100%
±0.5
±1.0
%
Ripple & Noise (20 MHz)
See Note 1
100
200
mV P - P
Temperature Coefficient
±0.02
%/°C
Over Power Protection
Autorecovery
110
%IOUT
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
4,000
VDC
Switching Frequency
65
kHz
EMI Characteristics
Parameter
Standard
Min.
Typ.
Max.
Units
Radiated Emissions
See Note 2
EN 55022
Class A
Conducted Emissions
See Note 2
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±6 kV/±8
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 3
EN 61000-4-4
Criteria B; ±4 kV
Surge
See Note 4
EN 61000-4-5
Criteria B; ±2 kV
CS
EN 61000-4-6
Criteria A; 10 Vrms
PFM
EN 61000-4-8
Criteria A; 10A/m
Voltage Dips
EN 61000-4-11
Criteria B; 0% - 70%
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+70
°C
Storage Temperature Range
-40
+85
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawings (Page 4)
Case Material
Aluminum Alloy With Non-Conductive Base (UL94-V0)
Weight
7.98 Oz (225g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Lead Temperature, See Note 5
Wave Soldering (5-10S)
255
260
265
°C
Manual Soldering (3-5S)
350
360
370
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Series


Similar Part No. - MPV4060S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPV4060S-12RHI MPD-MPV4060S-12RHI Datasheet
729Kb / 4P
Compact, 6:1 Input PV Power 40W DC/DC Converters
MPV4060S-15RHI MPD-MPV4060S-15RHI Datasheet
729Kb / 4P
Compact, 6:1 Input PV Power 40W DC/DC Converters
MPV4060S-24RHI MPD-MPV4060S-24RHI Datasheet
729Kb / 4P
Compact, 6:1 Input PV Power 40W DC/DC Converters
More results

Similar Description - MPV4060S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
Compact, 25W, 4:1 Input Range DC/DC Con vert ers
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MPV40RHI MPD-MPV40RHI Datasheet
729Kb / 4P
Compact, 6:1 Input PV Power 40W DC/DC Converters
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
MPV1060RI4 MPD-MPV1060RI4 Datasheet
563Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1580LS MPD-MPV1580LS Datasheet
734Kb / 3P
Compact PV Power, 15W 200 - 1500V Input DC/DC Con vert ers
MPV4080S MPD-MPV4080S Datasheet
649Kb / 3P
PV Power, 40W 200 - 1500V Input DC/DC Con vert ers
MB1000MRWRI4 MPD-MB1000MRWRI4 Datasheet
388Kb / 3P
EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com