Electronic Components Datasheet Search
  English  ▼

X  

BC849B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC849B
Description  NPN Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC849B Datasheet(HTML) 2 Page - Micro Commercial Components

  BC849B Datasheet HTML 1Page - Micro Commercial Components BC849B Datasheet HTML 2Page - Micro Commercial Components BC849B Datasheet HTML 3Page - Micro Commercial Components BC849B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Static Characteristic
h
——
I
FE
C
10
3000
EMITTER
a
1000
8
a
6
a
100
4
2
B
0
10
0
1
2
3
4
5
V
6
7
1
10
COLLECTOR CURRENT
100
I
(mA)
COLLECTOR-EMITTER VOLTAGE
(V)
C
CE
V
——
I
V
——
I
CEsat
C
BEsat
C
1000
500
β=20
β=20
800
T =25
T =100
a
a
100
600
T =25
a
T =100
a
400
10
200
0.1
1
COLLECTOR CURREMT
10
(mA)
100
0.1
1
COLLECTOR CURREMT I
10
100
(mA)
I
C
C
I
—— V
f
——
I
C
BE
T
C
100
500
COMMON EMITTER
V =5V
CE
10
100
1
COMMON EMITTER
V =5V
CE
T =25
a
0.1
10
0.2
0.4
0.6
0.8
1.0
0.25
2
4
6
8
10
12
COLLECTOR CURRENT I
(mA)
BASE-EMMITER VOLTAGE V
(V)
C
BE
COMMON
T =25
20uA
18uA
16uA
14uA
12uA
10uA
8uA
6uA
4uA
I =2uA
COMMON EMITTER
V = 5V
CE
T =100
T =25
BC846A thru BC849C
www.mccsemi.com
Revision:
F
20
18/03/08
2 of 4
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com