Electronic Components Datasheet Search
  English  ▼

X  

BC849B Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BC849B
Description  NPN Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC849B Datasheet(HTML) 3 Page - Micro Commercial Components

  BC849B Datasheet HTML 1Page - Micro Commercial Components BC849B Datasheet HTML 2Page - Micro Commercial Components BC849B Datasheet HTML 3Page - Micro Commercial Components BC849B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P
—— T
C /C
——
V /V
C
a
ob
ib
CB
EB
250
100
f=1MHz
I =0/I =0
E
C
T =25
a
200
C
ib
10
150
C
ob
100
1
50
0
0.1
0
25
50
75
100
125
150
0.1
1
REVERSE VOLTAGE
10
30
AMBIENT TEMPERATURE T
( )
V (V)
a
BC846A thru BC849C
www.mccsemi.com
Revision:
F
20
18/03/08
3 of 4
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com