Electronic Components Datasheet Search
  English  ▼

X  

PE7141 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7141
Description  SPDT Electromechanical Relay Failsafe Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7141 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 4
4 to 8
8 to 12.4
12.4 to 18
GHz
VSWR, Max
1.2:1
1.3:1
1.4:1
1.5:1
Insertion Loss, Max
0.2
0.3
0.4
0.5
dB
Isolation, Min
80
70
60
60
dB
Input Power, Typ (CW)
85
55
45
35
Watts
.
Mechanical Specifications
Size
Length
1.34 in [34.04 mm]
Width/Diameter
0.5 in [12.7 mm]
Height
1.88 in [47.75 mm]
.
Weight
0.0625 lbs [28.35 g]
Body Material and Plating
Aluminum, Black Anodized
Package Type
Connectorized Module
.
Operating Life
1,000,000 Cycles
Switching Time
15 ms Max
Connectors
RF Connector Type
SMA Female
RF Connector Contact Material and Plating
Beryllium Copper, Gold
RF Connector Body Material and Plating
Passivated Stainless Steel
Control Connector
Solder Terminals
Mechanical Specification Notes:
RF Connector mating requirements per MIL-C-39012
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +100 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
PE7141 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Failsafe Switch DC to 18 GHz, SMA, 35 Watts, 28V Control
PE7141
Electromechanical Relay Switches Technical Data
PE7141
SPDT Electromechanical Relay Failsafe Switch
DC to 18 GHz, SMA, 35 Watts, 28V Control



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com