Electronic Components Datasheet Search
  English  ▼

X  

PE7141 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7141
Description  SPDT Electromechanical Relay Failsafe Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7141 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7141 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7141 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SPDT Switch
• DC to 18GHz Frequency Range
• 1M Cycles Min Lifetime
• Failsafe Switch
• Break before Make
• -40 to +85 Deg C Operating Temperature
• Insertion Loss 0.5 dB Max
• VSWR 1.5:1 Max
• +28 Vdc Operating Voltage
Applications
• Test & Measurement
• Instrumentation
.
Description
The PE7141 is a Single Pole Double Throw Electromechanical Relay Switch that operates from DC to 18 GHz and can handle
up to 85 Watts of CW input power in a Break before Make condition. This design features a Failsafe Actuator and is rated
for 1M Life Cycles. Insertion loss is specified from 0.2 dB max and Isolation from 80 dB min, with +20 Vdc operating voltage.
Performance is guaranteed over -40 deg C to +85 deg C, and the switch assembly is RoHS and REACH compliant. The
package interface uses solder terminals and SMA female connectors.
Electrical Specifications
Switch Type
SPDT, Reflective
Actuator Type
Failsafe
Switching Sequence
Break before Make
Pickup Voltage
20 Volts
Dropout Voltage
2 Volts
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Operating Voltage
24
28
32
Volts
Actuating Current @ 28 Volts
114
mA
VSWR
1.5:1
Insertion Loss
0.5
dB
Isolation
60
dB
Input Power (CW)
35
Watts
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Failsafe Switch DC to 18 GHz, SMA, 35 Watts, 28V Control
PE7141
PE7141 REV 1.1
SPDT Electromechanical Relay Failsafe Switch
DC to 18 GHz, SMA, 35 Watts, 28V Control
Electromechanical Relay Switches Technical Data Sheet
PE7141


Similar Part No. - PE7141

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
More results

Similar Description - PE7141

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
S2810H ATM-S2810H Datasheet
62Kb / 1P
OUTLINE, S2810H ELECTROMECHANICAL RF SWITCH, SPDT, FAILSAFE
logo
Pasternack Enterprises,...
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7148 PASTERNACK-PE7148 Datasheet
239Kb / 1P
N SPDT RELAY SWITCH, FAILSAFE
PE7142 PASTERNACK-PE7142_15 Datasheet
448Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7147 PASTERNACK-PE7147_15 Datasheet
444Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7148 PASTERNACK-PE7148_15 Datasheet
449Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7150 PASTERNACK-PE7150_15 Datasheet
452Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE7153 PASTERNACK-PE7153_15 Datasheet
475Kb / 6P
Transfer Electromechanical Relay Failsafe Switch
PE71S6347 PASTERNACK-PE71S6347_V01 Datasheet
802Kb / 8P
SPDT Electromechanical Relay Failsafe Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com