Electronic Components Datasheet Search
  English  ▼

X  

PE7146 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE7146
Description  SPDT Electromechanical Relay Pulse Latching Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7146 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE7146 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Typical Performance Data
1
1.2
1.4
1.6
1.8
2
0
2
4
6
8
10
12
14
16
18
Freq.(GHz)
VSWR
VSWR
-5
-4
-3
-2
-1
0
0
2
4
6
8
10
12
14
16
18
Freq.(GHz)
Insertion Loss
Insertion Loss
PE7146 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SPDT Electromechanical Relay Pulse Latching Switch DC to 18 GHz, SMA, 35 Watts,
175V Indicator, 12V Control with Indicators PE7146
SPDT Electromechanical Relay Pulse Latching
Switch DC to 18 GHz, SMA, 35 Watts,
175V Indicator, 12V Control with Indicators
Electromechanical Relay Switches Technical Data
PE7146



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com